Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3752 Datasheet HTML 3Page - Linear Technology LT3752 Datasheet HTML 4Page - Linear Technology LT3752 Datasheet HTML 5Page - Linear Technology LT3752 Datasheet HTML 6Page - Linear Technology LT3752 Datasheet HTML 7Page - Linear Technology LT3752 Datasheet HTML 8Page - Linear Technology LT3752 Datasheet HTML 9Page - Linear Technology LT3752 Datasheet HTML 10Page - Linear Technology LT3752 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LT8311
7
8311f
For more information www.linear.com/LT8311
TYPICAL PERFORMANCE CHARACTERISTICS
Preactive Scheme Waveforms
(Active Clamp Reset, CCM)
Preactive Scheme Waveforms
(Active Clamp Reset, Light DCM)
Preactive Scheme Waveforms
(Active Clamp Reset, Deep DCM)
Maximum CSW Duty Cycle Derating
Curve vs CSW Switching Frequency
and Junction Temperature
Feedback Reference Voltage
Feedback Reference Voltage
vs VIN
Delay from CG Turn-Off to CSW
Rising Edge vs CSW Switching
Frequency and Junction Temp
Jitter in CG Turn-Off Delay to CSW
Rising Edge vs CSW Switching
Frequency and Junction Temp
Delay from CG Turn-Off to
FG Turn-On
TA = 25°C, unless otherwise noted.
IL
5A/DIV
CSW
5A/DIV
CG
10V/DIV
FG
10V/DIV
8311 G04
2µs/DIV
IL
5A/DIV
CSW
5A/DIV
CG
10V/DIV
FG
10V/DIV
8311 G05
2µs/DIV
IL
5A/DIV
CSW
5A/DIV
CG
10V/DIV
FG
10V/DIV
8311 G06
2µs/DIV
TEMPERATURE (°C)
150
175
125
100
25
0
75
200
50
8311 G01
100kHz
PMODE = 0V
INTVCC = 8V
–75
–25
25
75
–50
0
125 150
50
100
300kHz
150kHz
TEMPERATURE (°C)
20
25
15
10
0
5
30
8311 G02
100kHz
PMODE = 0V
INTVCC = 8V
300kHz
150kHz
–75
–25
25
75
–50
0
125 150
50
100
TEMPERATURE (°C)
60
50
30
40
70
8311 G03
PMODE = 0V
INTVCC = 8V
–75
–25
25
75
–50
0
125 150
50
100
TEMPERATURE (°C)
80
85
75
70
55
50
65
90
60
8311 G07
100kHz, 200kHz
PMODE = 0V
–75
–25
25
75
–50
0
125 150
50
100
300kHz
400kHz
TEMPERATURE (°C)
1.2290
1.2325
1.2255
1.2220
1.2150
1.2185
1.2360
8311 G08
–75
–25
25
75
–50
0
125 150
50
100
VIN (V)
1.2290
1.2325
1.2255
1.2220
1.2150
1.2185
1.2360
8311 G09
3
9
15
21
6
12
27 30
18
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com