Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 17 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3752 Datasheet HTML 13Page - Linear Technology LT3752 Datasheet HTML 14Page - Linear Technology LT3752 Datasheet HTML 15Page - Linear Technology LT3752 Datasheet HTML 16Page - Linear Technology LT3752 Datasheet HTML 17Page - Linear Technology LT3752 Datasheet HTML 18Page - Linear Technology LT3752 Datasheet HTML 19Page - Linear Technology LT3752 Datasheet HTML 20Page - Linear Technology LT3752 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
LT8311
17
8311f
For more information www.linear.com/LT8311
LT8311 SYNCHRONOUS CONTROL SCHEMES
The LT8311 offers two modes of synchronous control:
1. Preactive Mode: No pulse transformer needed; DCM
operation at light load. Enabled by tying the PMODE pin
to 0V. Use a Schottky diode across MCG (Figure 20).
2. SYNC Mode: Pulse Transformer needed; FCM or DCM
operation at light load. Enabled by tying the PMODE
pin to INTVCC.
PREACTIVE MODE SYNCHRONOUS CONTROL
MCG Turn-On/Off Timings in Preactive Mode
"Preactive" is short for "predictive" + "reactive". In preactive
mode, the LT8311 controls the secondary synchronous
MOSFETs without any communication from the primary-
side IC. In preactive mode, the catch MOSFET, MCG, is
turned on (CG rising edge in Figure 5) when the voltage
on its drain, CSW, is detected to be below –150mV, and
the forward MOSFET, MFG, is detected to be off. MCG is
turned off when the first of two events after MCG’s turn-
on occurs:
• Predictive MCG Turn-Off (Figure 5): In predictive turn-
off, the LT8311 predicts when M1 will turn on in the
next cycle, and turns off MCG 100ns prior to this event.
Predictive turn-off of MCG prevents cross conduction
between MCG and M1. M1’s turn-on timings are pre-
dicted by phase locking to the rising edge of present
and past CSW cycles. Predictive turn-off relies on the
periodicity of M1’s turn-on edge, an inherent aspect of
fixed-frequency operation. Furthermore, the predictive
turn-off is designed to be independent of the duty cycle
of the system, which allows MCG to be correctly turned
off, even during load/line transients. Predictive turn-off
will typically be the dominant turn-off mechanism for
MCG in CCM.
• Reactive MCG Turn-Off (Figure 6): Reactive turn-off
forces the forward converter to operate in DCM at light
load. In reactive turn-off, the LT8311 turns off MCG
when the current in MCG (IMCG) trips the LT8311’s
internal current comparator. The inputs to this current
comparator are the CSP and CSN pins. Typically, the
CSP and CSN pins will be configured to trip at almost
zero current in MCG, which should correspond to nearly
zero current in the output inductor. Reactive turn-off
will typically be the dominant turn-off mechanism for
MCG in DCM.
The LT8311’s seamless transition between predictive
and reactive portions of preactive mode allows the catch
MOSFET to be turned off at the correct time to avoid cross
conduction or avalanching.
MFG Turn-On/Off in Preactive Mode
In preactive mode, MFG is turned on after MCG’s turn-off
edgeisdetected,andthevoltageonthedrainoftheforward
MOSFET, FSW, is detected to be below 1.2V. Waiting for
FSW to fall below 1.2V ensures that transformer reset is
close to completion. MFG is turned off when the voltage
on CSW is detected to be below –150mV.
Since preactive mode requires each MOSFET to be turned
on only after the other MOSFET’s turn-off edge is detected,
the system requires a start point where one of the two
MOSFETs begins switching. Preactive mode’s start point
happens by turning on MCG first to commence switching.
Preactive Mode Shutdown and Start-Up
Preactivemodeisdesignedwithmanyfeaturestofacilitate
smooth start-up of synchronous control and shut down of
the scheme when necessary. Prior to starting switching
activity, the LT8311 evaluates conditions on the forward
converter’s secondary side to determine if switching can
commence. The evaluation period ends when four specific
conditions, are satisfied for a period of three continuous
CSW switching cycles (rising edge to rising edge). If
any of the conditions are violated, the evaluation period
is reset, and switching activity is kept shut off. During
this evaluation period, the secondary side current will
flow through the body diodes of MCG and MFG. The four
conditions are:
1. VIN must be greater than its UVLO voltage
2. INTVCC must be within its UVLO/OVLO limits
3. The TIMER pin should not have timed out. This feature
exists to ensure that the LT8311 ceases switching in
the event that the primary side stops switching.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com