Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 30 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 30 Page - Linear Technology

Back Button LT3752 Datasheet HTML 26Page - Linear Technology LT3752 Datasheet HTML 27Page - Linear Technology LT3752 Datasheet HTML 28Page - Linear Technology LT3752 Datasheet HTML 29Page - Linear Technology LT3752 Datasheet HTML 30Page - Linear Technology LT3752 Datasheet HTML 31Page - Linear Technology LT3752 Datasheet HTML 32Page - Linear Technology LT3752 Datasheet HTML 33Page - Linear Technology LT3752 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
LT8311
30
8311f
For more information www.linear.com/LT8311
APPLICATIONS INFORMATION
Opto-Coupler Design Guidance
An opto-coupler’s CTR degradation affects a forward
converter’s voltage feedback loop in two ways:
1. Large Signal Effect: A drop in CTR means that to sus-
tain the same output current from the opto-coupler,
theinputcurrentoftheopto-couplerwillhavetoincrease.
The input current of the opto-coupler is sourced by the
LT8311’s OPTO pin. The opto-feedback loop should
be designed such that, at the lowest CTR possible, the
LT8311’s OPTO pin is not current limited. The maxi-
mum current that the LT8311’s internal opto-driver can
source out of the OPTO pin is 10mA. Design the system
so that, nominally, the OPTO pin is sourcing 2mA to
3mA maximum current into the opto-coupler’s input.
2. Small Signal Effect: A reduction in CTR by 2x will
cause the DC gain and crossover frequency of the for-
ward converter’s voltage feedback loop to drop by 2x,
assuming all other parameters are constant. Likewise,
an increase in CTR by 2x, assuming no change in other
parameters, will cause the DC gain and the crossover
frequency of the voltage feedback loop to increase
by 2x. The voltage feedback loop must be designed
ensuring that at CTR(MAX) (maximum CTR of the opto-
coupler), the crossover frequency of the feedback loop
stays well within the Nyquist frequency of the system
(= switching frequency/2). A good rule of thumb is to
design the voltage feedback loop’s crossover at about
1/10 of the switching frequency for an opto-coupler at
the nominal value of CTR.
As explained earlier, improvements in opto-coupler
technology have allowed CTR changes over the operating
lifetime of an opto-coupler to become significantly smaller
andwellcontrolled.However,themorechallengingdesign
aspect of an opto-coupler is the absolute variation in its
CTR over a large sample size and operating temperature
range. It is this spread in CTR that must be accounted for
when designing an opto-coupler based voltage feedback
loop. Picking an opto-coupler whose CTR variation is no
more than 2x its nominal value, is typically a good starting
point (see Table 1 for a list of opto-couplers with small
CTR spreads at room temperature).
The following guidelines help calculate initial values for
the input and output resistors of the opto-coupler (RD and
RE, respectively) for a generic application. The final values
for RD and RE should be determined after bread-boarding
a system. Use Figure 16 as a reference when reading the
following guidelines:
Step 1: Pick resistors, R1 and R2, that set the inverting
gain of the primary-side IC’s error amplifier. A typical
starting value for R1 would be 22k on the LT3752, and
100k on the LT8310. A typical starting value for R2 would
be 33k on the LT3752, and 150k on the LT8310.
Step 2: Calculate the maximum voltage required at the
emitteroftheopto-coupler'soutputtransistor(VX_MAX)to
drive the primary-side IC’s COMP or VC pin to the voltage
needed to command zero inductor current (referred to as
VC_LOW in the following equation):
VX_MAX = VREF 1+
R1
R2


− VC_LOW •
R1
R2
VC_LOW is approximately 0.7V for the LT8310, and 1.25V
for the LT3752. VREF is 1.6V for the LT8310 and 1.25V
for the LT3752.
Step 3: Pick a maximum opto-coupler output current
(IOPTO_OUT_HIGH) in the range of 1mA to 10mA. A typical
choice for IOPTO_OUT_HIGH might be 2.5mA. Now calculate
RE to be:
RE =
VX−MAX
IOPTO_OUT_HIGH
Step 4: Estimate the maximum input current (IF_HIGH)
needed to be sourced into opto-coupler by the
LT8311’s OPTO pin, at the opto-coupler’s minimum CTR
(CTRMIN):
IF_HIGH =
IOPTO_OUT_HIGH
CTRMIN
Ensure that IF_HIGH is well within the 10mA limit that the
LT8311’s OPTO pin can source.
Step 5: Estimate the RD value needed for the OPTO pin
to source the IF_HIGH current at the maximum OPTO pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com