Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 27 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 27 Page - Linear Technology

Back Button LT3752 Datasheet HTML 23Page - Linear Technology LT3752 Datasheet HTML 24Page - Linear Technology LT3752 Datasheet HTML 25Page - Linear Technology LT3752 Datasheet HTML 26Page - Linear Technology LT3752 Datasheet HTML 27Page - Linear Technology LT3752 Datasheet HTML 28Page - Linear Technology LT3752 Datasheet HTML 29Page - Linear Technology LT3752 Datasheet HTML 30Page - Linear Technology LT3752 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
LT8311
27
8311f
For more information www.linear.com/LT8311
APPLICATIONS INFORMATION
sourced into the opto-coupler by the LT8311’s OPTO
pin; 4.5mA is the typical VIN current of the LT8311;
TA is the ambient temperature.
2. In the second configuration, the VIN pin’s bias supply
drives the INTVCC pin through a direct connection,
bypassing the internal LDO. This configuration re-
duces power dissipation inside the IC by not having to
incur any power loss within the INTVCC LDO. Use this
optional configuration for VIN voltages that are below
16V,allowingsufficientmarginforINTVCCtostaybelow
its OVLO(+) voltage of 16.5V. Ensure that VIN, during
transients, does not exceed INTVCC’s abs max voltage
of 18V.
Whenanexternalsupplyorauxiliarywindingisavailable,
use this configuration (tying VIN and INTVCC together)
to deliver power to the IC. This configuration is most
applicable when using the LT3752 as a primary-side IC.
The LT3752’s housekeeping supply can be connected
to the LT8311’s VIN and INTVCC through an auxiliary
winding, as shown in Figure 21 in the Typical Applica-
tions section.
INTVCC should be bypassed with a minimum of 4.7µF
ceramic capacitor to ground for all three configurations.
Place the capacitor close to the INTVCC pin, ensuring that
the ground terminal of the capacitor has the shortest pos-
sible return path to the LT8311’s ground (exposed pad).
LT8311 OPTO CONTROL FUNDAMENTALS
Setting Output Voltage
Figure 15 shows how to program the forward converter’s
output voltage with a resistor divider feedback network.
Connect the top of RFB1 to VOUT, the tap point of RFB1/
RFB2 to the FB pin, and the bottom of RFB2 to ground. The
ground return of RFB2 must be kept as close as possible to
the ground of the LT8311, and must be kept away from the
forward converter’s power path. The power path contains
switching currents, and possibly large value currents (de-
pending upon the load) which may introduce unintended
noise, or I • R drops into the FB resistor divider path. The
FB pin regulates to 1.227V and has a typical input pin
bias current of 120nA flowing out of the pin. The output
voltage is set by the formula:
VOUT = 1.227 • 1+
RFB1
RFB2


− 120nA •RFB1
Figure 15. Setting Output Voltage of Forward Converter
8311 F15
GND
FB
LT8311
VOUT
120nA
RFB2
RFB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com