Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 23 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT3752 Datasheet HTML 19Page - Linear Technology LT3752 Datasheet HTML 20Page - Linear Technology LT3752 Datasheet HTML 21Page - Linear Technology LT3752 Datasheet HTML 22Page - Linear Technology LT3752 Datasheet HTML 23Page - Linear Technology LT3752 Datasheet HTML 24Page - Linear Technology LT3752 Datasheet HTML 25Page - Linear Technology LT3752 Datasheet HTML 26Page - Linear Technology LT3752 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
LT8311
23
8311f
For more information www.linear.com/LT8311
directly proportional to the output inductor current (M1
Current • NP/NS= ILOUT), an increase in M1’s peak current
translates into an increase in the output inductor’s peak
current. In essence, the feedback loop is commanding
the output inductor peak current to meet the demands
of the increased load current, with the ultimate goal of
helping the output voltage recover from a load step and
stay regulated.
Opto-Control Operation at Start-Up
For applications connecting the LT8311’s VIN pin directly
to the converter output, the LT8311 includes intelligent
circuitry to ensure no interruption in the switching of
the primary-side MOSFET upon the LT8311’s turn-on.
The LT8311 turns on when its VIN pin (and therefore the
converter output voltage when VIN is directly connected to
the output) exceeds 3.7V. Without intelligent circuitry, this
VOUT level will cause the FB pin voltage of the LT8311 to
be greater than the voltage on the LT8311’s SS pin (which
is typically at 0V upon turn-on of the IC), causing ampli-
fier A1 to drive the COMP pin low. This drives the OPTO
pin high, which causes full current into the opto-coupler
and terminates switching of the primary-side MOSFET.
Termination of the primary-side MOSFET’s switching can
lead to the converter’s output voltage dropping, which
could cause the LT8311 to lose power and shut off. The
LT8311’s intelligent circuitry prevents this situation using
two unique features. It has a built-in 100mV hysteresis on
Figure 10. Opto Control Operation at Start-Up
Figure 11. Power Good Activates (PGOOD = Low) When the
LT8311’s FB Pin Voltage Is Within ±7% of Its Regulated Target
(1.227V). The PGOOD Pin Is Pulled Up Externally to a 12V
Housekeeping Supply Through a 100k External Resistor
its VIN UVLO voltage, so that upon getting power, it can
tolerate up to a 100mV drop on its VIN pin before losing
power again. Even more importantly, the LT8311 has an
opto-control start-up system that keeps the LT8311’s
“opto-control brains” turned off until all relevant node
voltages within the voltage loop are prebiased to a state
where they will not cause switching activity to cease when
the loop is eventually enabled.
As shown in Figure 9 and the scope shot in Figure 10,
the LT8311’s opto-control operation at start-up involves
slewing the SS pin voltage close to the FB pin voltage,
slewing the COMP pin voltage to its high clamp voltage,
and keeping the OPTO pin voltage held low. During this
phase, the inductor current (and by extension, the output
voltage)iscontrolledbythesoft-startfunctionprovidedby
theprimary-sideIC.Uponcompletionofthestatemachine,
theLT8311allowsthefeedbacklooptobefunctionalagain,
and the FB pin voltage tracks the LT8311’s SS pin voltage
until FB finally gets to its regulation target of 1.227V.
Power Good
The LT8311 offers output power good monitoring to
assist with system level design. The LT8311’s PGOOD
pin is pulled low internally when the FB pin voltage stays
within a ±7% window of the 1.227V reference for a period
of 175µs. Waiting for 175µs to elapse prevents the PGOOD
pin from indicating false positives during transient events.
OPERATION
COMP
1V/DIV
SS
200mV/DIV
FB
200mV/DIV
OPTO
500mV/DIV
8311 F10
5ms/DIV
PGOOD
5V/DIV
FB
500mV/DIV
8311 F11
2ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com