Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 40 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 40 Page - Linear Technology

Back Button LT3752 Datasheet HTML 36Page - Linear Technology LT3752 Datasheet HTML 37Page - Linear Technology LT3752 Datasheet HTML 38Page - Linear Technology LT3752 Datasheet HTML 39Page - Linear Technology LT3752 Datasheet HTML 40Page - Linear Technology LT3752 Datasheet HTML 41Page - Linear Technology LT3752 Datasheet HTML 42Page - Linear Technology LT3752 Datasheet HTML 43Page - Linear Technology LT3752 Datasheet HTML 44Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
LT8311
40
8311f
For more information www.linear.com/LT8311
TYPICAL APPLICATIONS
18V to 72V, 12V/8A Active Clamp Isolated Forward Converter
8311 TA02
LT3753
UVLO_VSEC
OVLO
IVSEC
RT
TOS
TBLNK
TAO
TAS
GND SS1
SS2
INTVCC
AOUT
FB
SYNC
SOUT
R4
71.5k
C4
1µF
C3
0.47µF
VIN
18V to
72V
VIN
R2
5.9k
R3
1.82k
R5
31.6k
240kHz
R7
34k
COMP
ISENSEN
OC
OUT
ISENSEP
R6
49.9k
C10
2.2µF
100V
•
•
C9
100nF
C6
4.7µF
R13, 2k
R12
6m
R11
100
C7
1µF
1k
R8
100k
R9
100k
R22
154k
LT8311
FSW
CSW
CSP
CG
CSN
OPTO
GND
COMP
SYNC
PMODE
SS
FB
VIN
INTVCC
PGOOD
TIMER
VOUT
12V/8A
VOUT
L1
6.8µH
D2
R19, 1.78k
R20, 1.5k
FG
R16, 2k
R25
100k
R24
20k
R26
11.3k
C19
22µF
× 2
R17, 2k
R18, 1.78k
C20
470µF
C18
68pF
C12
15nF
R21
2.94k
C14
1µF
C15
4.7µF
C16
2.2µF
C17
2.2nF
R14
10k
C11
100nF
4:4
T1
R23
100k
2.2nF
PS2801-1
C5
10pF
+
C1
4.7µF
× 3
R1
100k
D1
D3
T1: CHAMPS B45R2-0404.04
T2: CEL PS2801
L1: CHAMPS PQR2050-08
M1: INFINEON BSC077N12NS3
M2: IR IRF6217PBF
M3: FAIRCHILD SEMI. FDMS86101DC
M4: INFINEON BSC077N12NS3
D2: CENTRAL SEMI. CMMR1U-02
D3: DIODES INC. SBRIU150
M3
M1
M4
M2
Efficiency and Power Loss at VIN = 48V
LOAD CURRENT (A)
1
90
92
94
88
86
5
3
7
9
84
82
96
8
10
12
6
4
2
0
14
8311 TA02b
EFFICIENCY
POWER LOSS
VIN = 48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com