Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 25 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 25 Page - Linear Technology

Back Button LT3752 Datasheet HTML 21Page - Linear Technology LT3752 Datasheet HTML 22Page - Linear Technology LT3752 Datasheet HTML 23Page - Linear Technology LT3752 Datasheet HTML 24Page - Linear Technology LT3752 Datasheet HTML 25Page - Linear Technology LT3752 Datasheet HTML 26Page - Linear Technology LT3752 Datasheet HTML 27Page - Linear Technology LT3752 Datasheet HTML 28Page - Linear Technology LT3752 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
LT8311
25
8311f
For more information www.linear.com/LT8311
APPLICATIONS INFORMATION
VIN BIAS SUPPLY
The LT8311’s VIN pin can be powered in various ways.
Place at least a 2.2µF ceramic bypass capacitor close to
the pin.
PickinganappropriatebiassupplytopoweruptheLT8311
requires consideration of the following criteria:
1. The VIN pin, in certain configurations, may be the only
supply to the LT8311’s INTVCC pin, which provides
gate drive to the catch and forward MOSFETs. In such
situations, VIN’s bias supply must be high enough to
provide adequate gate-drive voltage (typically 5V to 7V)
for both synchronous MOSFETs.
2. VIN’s bias supply must be able to source:
a. LT8311’s VIN current (4.5mA typical)
b. INTVCC gate-drive current when using VIN to sup-
ply the INTVCC pin (typically 10mA to 30mA)
c. Opto-driver source current (typically 1mA to 5mA)
3. VIN start-up and short-circuit conditions:
a. VIN must come up in reasonable time to allow the
LT8311 to begin synchronous and opto-coupler
control. While synchronous control is shut off, the
secondary-side current will flow through the body
diodes of the secondary synchronous MOSFETs.
While opto-control is off, the forward converter
will operate open-loop, using a volt-second clamp
to control VOUT if operating with LT3752, LT3752-1
or LT3753 on the primary side.
b. VIN may be shorted to GND during transient events.
For instance, VIN powered from the output voltage,
will be driven to 0V during an output short-circuit.
The forward converter must be able to ride through
the momentary loss of power to the LT8311, which
is often easily accomplished by appropriately
configuring soft-start control on the primary-side
ICs. Refer to the LT3752/LT8310 data sheets for
details on configuring soft-start control on the
primary-side IC.
With the previous criteria in mind, there are three meth-
ods (1-3), listed below, for powering up the LT8311. For
preactive mode, use method 1, 2 or 3. For SYNC mode
FCM, use method 1 or 3; for DCM, use method 1, 2 or 3.
1. Power from the LT3752’s housekeeping supply (see
Figure 21 in the Typical Application section). Being
a flyback converter rather than a LDO, the LT3752’s
housekeeping supply is an efficient supply source. It
can be connected through an external winding to the
LT8311’s VIN and INTVCC pins, and can be set high
enough to provide adequate gate drive for the catch
and forward MOSFETs, but low enough to minimize
efficiencyandthermallosses.Thehousekeepingsupply
comes up as soon as the LT3752 receives input power,
so power is delivered to the LT8311 without delay.
2. Power directly from VOUT. At output voltages lower
than 10V, careful consideration must be given to the
output voltage start-up time, ensuring that the LT8311
can turn on and provide synchronous/opto control well
before the output voltage approaches regulation. It is
alsoimportanttoensure,attheseloweroutputvoltages,
that sufficient gate drive voltage can be provided to the
external MOSFETs. At higher VOUT voltages, efficiency
and thermal considerations related to the IC’s internal
power dissipation can become important criteria. In
addition, at higher VOUT voltages, it is important to
ensure that voltage transients on the VIN pin do not
exceed the pin’s abs max rating of 30V.
3. Use a buck circuit from an auxiliary transformer wind-
ing, as shown in Figure 13. This circuit has the benefit
of being highly efficient, and is fairly simple to design.
It is particularly useful for low output voltage applica-
tions (3.3V or 5V) that do not have an external house-
keeping supply, and where powering directly from the
output voltage is inadequate. In this configuration, the
buck circuit’s output voltage derives its energy from
secondary-sideswitchingpulsesthatalsosourceenergy
to the forward converter’s main output voltage, VOUT.
Careful consideration must be given to ensure that the
buck output voltage comes up well in time, and turns
ontheLT8311toprovidesynchronousandoptocontrol
before the forward converter’s actual output voltage
gets close to regulation. If there is a need to speed up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com