Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 48 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 48 Page - Linear Technology

Back Button LT3752 Datasheet HTML 40Page - Linear Technology LT3752 Datasheet HTML 41Page - Linear Technology LT3752 Datasheet HTML 42Page - Linear Technology LT3752 Datasheet HTML 43Page - Linear Technology LT3752 Datasheet HTML 44Page - Linear Technology LT3752 Datasheet HTML 45Page - Linear Technology LT3752 Datasheet HTML 46Page - Linear Technology LT3752 Datasheet HTML 47Page - Linear Technology LT3752 Datasheet HTML 48Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
LT8311
48
8311f
For more information www.linear.com/LT8311
LINEAR TECHNOLOGY CORPORATION 2014
LT 0314 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ●www.linear.com/LT8311
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT3752/LT3752-1
Active Clamp Synchronous Forward Controllers with
Internal Housekeeping Controller
Ideal for Medium Power 24V, 48V and Up to 400V Input Applications
LT3753
100V Input, Active Clamp Synchronous Forward
Controller
Ideal for Medium Power 24V and 48V Input Applications
LTC3765/LTC3766
Isolated Synchronous No-Opto Forward Controller
Chip Set
Direct Flux Limit, Multiphase Capable Ideal for Medium Power 24V and
48V Input Applications
LTC3722-1/
LTC3722-2
Synchronous Phase Modulated Full Bridge Controllers Ideal for High Power 24V and 48V Input Applications
LT3748
Isolated Flyback Controller
5V ≤ VIN ≤ 100V, No-Opto Required MSOP-16 (12)
LT8300
100V Micropower Isolated Flyback Converter
Monolithic No-Opto with Integrated 260mA Switch, TSOT-23
LT3511/LT3512
100V Isolated Flyback Converters
Monolithic No-Opto with Integrated 240mA/420mA Switch, MSOP-16(12)
75V to 150V, 24V/14A 340W No-Opto, Active Clamp Isolated Forward Converter
R4
93.1k
R5
53k
R3
5.76k
R6
10k
R7
80.1k
R8
75k
R9
52.3k
R10
22k
R11
10k
T1: CHAMPS LT80R2-12AC-1006
T2: WÜRTH 750817020
T3: PULSE PE-68386NL
T4: ICE GT05-111-100
L1: COILCRAFT AGP2923-153
D1: CENTRAL SEMI CMR1U-10
D2, D3, D5: BAS516
D4: CENTRAL SEMI CMMR1U-02
R13
560
VAUX
SYNC
VIN
GND
FB
LT8311
PGOOD
R14
2k
R15
0.0075
R18
0.15
R16
10k
C23 3.3nF
R17
499
R35
C22
220nF
R37
100
R36
C10
4.7µF
C9
10µF
INTVCC
VAUX
D1
C21
470pF
M5
BSP300
D3
T2
T4
D2
M1
1PB200N25N3
IRFL214
M3
M2
R12
806
2.2nF
C2
0.47µF
C3
0.1µF
C4
3.3nF
C5
4.7µF
C11
2.2µF
C13
22µF
25V
×4
VOUT
24V
14A
C14
470µF
25V
C12
4.7µF
8311 TA08a
C6 220pF
T3
INTVCC
INTVCC
SOUT
ISENSEN
ISENSEP
OUT
VIN
AOUT
HISENSE
HOUT
OC
R2
6.04k
R1
6.98k
R34
698k
UVLO_VSEC
LT3752-1
SYNC
BSC047N08NS3
×2
T1
10:6
C20
10µF
D5
M4
1PB072N15N3G
R20
432k
L1, 15µH
+
•
•
•
•
•
•
•
C1
2.2µF
250V
VIN
75V TO
150V
GND
OVLO
HFB
C8
15nF
250V
C15
4.7nF
250V
R19
1k
•
•
R21
100
R38
0.003
R22
100
C27
120pF
C24
10nF
250V
D4
R38
10k
LOAD CURRENT (A)
0
28
27
26
25
24
20
23
22
21
2
8311 TA08b
16
12
14
6
8
10
4
VIN = 75V
VIN = 100V
VIN = 125V
VIN = 150V
LOAD CURRENT (A)
0
96
95
94
93
92
91
86
90
89
88
87
2.5
8311 TA08c
15
7.5
10
12.5
5
VIN = 75V
VIN = 100V
VIN = 125V
VIN = 150V
VOUT vs Load Current (No-Opto)
Efficiency vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com