Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3752 Datasheet HTML 7Page - Linear Technology LT3752 Datasheet HTML 8Page - Linear Technology LT3752 Datasheet HTML 9Page - Linear Technology LT3752 Datasheet HTML 10Page - Linear Technology LT3752 Datasheet HTML 11Page - Linear Technology LT3752 Datasheet HTML 12Page - Linear Technology LT3752 Datasheet HTML 13Page - Linear Technology LT3752 Datasheet HTML 14Page - Linear Technology LT3752 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
LT8311
11
8311f
For more information www.linear.com/LT8311
PIN FUNCTIONS
CSW (Pin 1): Catch MOSFET Drain Sense Pin. Connect
this pin to the external N-channel catch MOSFET’s drain
through a 2k resistor (typical) in preactive mode. Mini-
mize parasitic capacitance on the pin. Connect to GND in
SYNC mode.
FSW (Pin 3): Forward MOSFET Drain Sense Pin. Con-
nect this pin to the external N-channel forward MOSFET’s
drain through 2k resistor (typical) in preactive mode.
Minimize parasitic capacitance on the pin. Connect to
GND in SYNC mode.
FG (Pin 5): Forward MOSFET Gate Driver Pin. This pin
drivesthegateoftheexternalN-channelforwardMOSFET.
Minimize trace length between this pin and the forward
MOSFET gate.
INTVCC (Pin 6): Internal Linear Regulator’s Output Pin.
INTVCC powers the gate drivers on the LT8311. The volt-
age on this pin is internally regulated to 7V. Alternatively,
the pin can be overdriven externally. A minimum of 4.7µF
(ceramic capacitor) must be placed from this pin to GND.
VIN (Pin 7): Input Supply Pin. This pin must be locally
bypassed.
PMODE (Pin 8): Preactive Mode Select Pin. Tying PMODE
to GND enables preactive mode. Tying PMODE to INTVCC
enables SYNC mode.
OPTO (Pin 9): Opto Driver Output Pin. Tie this pin, through
a series resistor, to the input of the opto-coupler. This
pin can source up to 10mA, sink 300μA typically, and is
short-circuit protected.
COMP (Pin 10): Error Amplifier Output Pin. Tie an ex-
ternal compensation network to this pin when using the
LT8311’s transconductance error amplifier as part of a
voltage feedback loop.
FB (Pin 11): Feedback Pin. This is the inverting input of
the LT8311’s internal error amplifier. The FB pin voltage
tracks the lower of the internal 1.227V reference and the
SS pin voltage. 75nA (bias current) typically flows out of
the pin. Tie this pin to a resistor divider network from the
output to set the desired output voltage.
TIMER (Pin 12): Switching Period Timeout Pin. A resistor
from this pin to ground sets an upper limit on the sum
of the forward and catch MOSFET on times (including
dead time between the two MOSFETs on period), every
cycle. If the sum of the on times of the catch and forward
MOSFET, per cycle (including the dead time), exceeds the
timeout period programmed by the TIMER resistor, then
all synchronous conduction will be shut down. Synchro-
nous conduction resumes when the timeout period is
reset again. See the Applications Information section for
more details on programming the TIMER resistor. Keep
the ground return trace of this pin short, and away from
paths with switching noise.
PGOOD (Pin 13): Output Power Good Pin. The open-drain
output will be pulled to ground when the FB pin voltage
stays within ±7% of the internal 1.227V reference for a
period of 175µs. The internal PGOOD comparator has a
hysteresisof±3%.Therefore,whenFBexistsoutside±10%
of the 1.227V reference, the PGOOD pin will be pulled high
by an external pull-up resistor or current source.
SS (Pin 14): Soft-Start Pin. A capacitor from the SS pin to
GND will be charged up by SS’s internally trimmed 10µA
current source. Since FB tracks the lower of the SS pin
voltage and the internal reference of 1.227V, the charge
rate of the SS pin can be used to set the slew rate at which
the FB pin charges up to its regulation voltage of 1.227V.
The SS pin typically charges up to 2V. When using the
LT8311 as part of voltage feedback loop, place a ceramic
capacitor of at least 1nF on this pin to GND. For details on
SS start-up and overshoot control functions, please refer
to the Applications Information section.
SYNC (Pin 15): Synchronization Pin. The SYNC pin, used
only in SYNC mode, serves as an edge-sensitive input to
receive timing information for synchronous switching. It
is typically driven with PWM synchronization signals from
the primary-side IC through a pulse transformer. A nega-
tive voltage slew on the SYNC pin (–1.2V threshold) turns
on the forward MOSFET and turns off the catch MOSFET.
Equivalently,apositivevoltageslew(1.2Vthreshold)turns
on the catch MOSFET and turns off the forward MOSFET.
Tie the SYNC pin to GND in preactive mode.
CG(Pin16):CatchMOSFETGateDriverPin.Thispindrives
thegateoftheexternalN-channelcatchMOSFET.Minimize
trace length between this pin and the catch MOSFET gate.
CSN, CSP (Pin 18, Pin 20): Current Sense Differential
Inputs. CSP and CSN are the positive and negative inputs,
respectively, of the LT8311’s internal current sense com-
parator. The pins are typically connected across the catch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com