Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 31 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 31 Page - Linear Technology

Back Button LT3752 Datasheet HTML 27Page - Linear Technology LT3752 Datasheet HTML 28Page - Linear Technology LT3752 Datasheet HTML 29Page - Linear Technology LT3752 Datasheet HTML 30Page - Linear Technology LT3752 Datasheet HTML 31Page - Linear Technology LT3752 Datasheet HTML 32Page - Linear Technology LT3752 Datasheet HTML 33Page - Linear Technology LT3752 Datasheet HTML 34Page - Linear Technology LT3752 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
LT8311
31
8311f
For more information www.linear.com/LT8311
APPLICATIONS INFORMATION
voltage (VOPTO(MAX)). The opto-coupler’s input LED has
a turn-on voltage of 1.2V:
RD =
VOPTO(MAX) − 1.2V − 0.5V
IF_HIGH
The extra 0.5V in the equation is margin to account for the
OPTO pin's linear range. The maximum OPTO pin voltage
is 6V (minimum guaranteed), when the LT8311’s VIN pin
is at 8V or higher. At lower VIN pin voltages, VOPTO_MAX
is VIN – 1.7V.
The previous equations show how RD and RE ought to
be calculated for large signal characteristics of an opto-
coupler-based voltage feedback loop. The final values
chosen for RD and RE may need to be tweaked from the
valuescalculatedheretoachieveasatisfactorycompromise
between the large and small signal characteristics of the
voltage feedback loop.
Picking Soft-Start Capacitor (CSS) for Output Soft-Start
The Operation section explained how the LT8311’s SS
pin helps with output soft-start at start-up, with output
overshoot control during short-circuit recovery, and to
prebias the voltage feedback loop during start-up of the
LT8311’s opto-control scheme. The soft-start capacitor,
CSS, is charged by the LT8311’s internally trimmed 10µA
current source at start-up. Since the FB pin voltage tracks
theSSpinvoltagewhenthevoltageonSSisbelow1.227V,
setting the SS pin’s slew rate will set the FB pin’s slew
rate, setting the time taken by the output to come up to
its regulation voltage. It is important to recognize that the
tracking between the SS pin’s slew rate and the FB’s pin
slew rate is only valid as long as the LT8311’s soft-start of
outputvoltageisslowerthantheprimary-sideIC’ssoft-start
of output voltage, as explained in the Operation section.
By observing this criteria, the following equation applies:
∂VOUT
∂t
= ∂
VFB
∂t
=
10µA
CSS
where CSS is the capacitor from the LT8311’s SS pin to
GND, VOUT is the output voltage of the forward converter,
and VFB is the LT8311’s FB pin voltage.
In steady state, the SS pin voltage is clamped to a maxi-
mum of 2V by an internal clamp.
LT8311 SYNCHRONOUS CONTROL FUNDAMENTALS
Catch and Forward MOSFET Selection
Whenselectingthesecondary-sidesynchronousMOSFETs,
it is important to choose the following parameters care-
fully to ensure robust operation of the system: maximum
drain-source voltage, maximum drain-source current and
maximum gate-source voltage. Furthermore, to maximize
systemefficiency,itisimportanttolowerpowerdissipation
intheMOSFETsbyminimizingtheiron-resistance(RDS(ON))
and gate charge (Qg). Please use the following guidelines
to choose appropriate catch and forward MOSFETs for a
specific application:
1. Maximum VDS Rating
The maximum voltage seen on the drain of the catch MOS-
FET is a function of the maximum input voltage (VIN(MAX))
of the system, and the transformer turns ratio (NS/NP).
Catch MOSFET VDS(MAX) = VIN(MAX) •
NS
NP
• Margin
where Margin is a number from 1 to 3 (typically 1.5 to 2),
allowing a certain safety margin in the catch MOSFET’s
VDS(MAX)equation.Thiswillaccountforvoltagespikesas-
sociated with the leakage inductance of the transformer’s
secondary winding. Using a snubber on the drain of the
catch MOSFET will minimize leakage inductance spikes
and allow Margin to approach the lower end of its range.
The maximum voltage seen on the drain of the forward
MOSFET is a function of the reset mechanism used on
the primary side of the forward converter to reset the
transformer’s magnetic flux.
When using active clamp reset:
Forward MOSFET VDS(MAX) ≈
VOUT
1
−
VOUT
VIN(MIN) •
NS
NP
whereVIN(MIN)istheminimuminputvoltageofthesystem,
and VOUT is the forward converter’s output voltage. Note
that this equation for the forward MOSFET’s VDS(MAX)
assumes that the primary side’s active clamp capacitor
(CCL) is large enough to be treated as a voltage source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com