Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 244 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 244 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 240Page - Texas Instruments AM3351 Datasheet HTML 241Page - Texas Instruments AM3351 Datasheet HTML 242Page - Texas Instruments AM3351 Datasheet HTML 243Page - Texas Instruments AM3351 Datasheet HTML 244Page - Texas Instruments AM3351 Datasheet HTML 245Page - Texas Instruments AM3351 Datasheet HTML 246Page - Texas Instruments AM3351 Datasheet HTML 247Page - Texas Instruments AM3351 Datasheet HTML 248Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 252 page
background image
244
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Mechanical, Packaging, and Orderable Information
Copyright © 2011–2016, Texas Instruments Incorporated
9
Mechanical, Packaging, and Orderable Information
9.1
Via Channel
The ZCE package has been specially engineered with Via Channel technology. This allows larger than
normal PCB via and trace sizes and reduced PCB signal layers to be used in a PCB design with the 0.65-
mm pitch package, and substantially reduces PCB costs. It allows PCB routing in only two signal layers
(four layers total) due to the increased layer efficiency of the Via Channel BGA technology.
Via Channel technology implemented on the ZCE package makes it possible to build an AM335x-based
product with a 4-layer PCB, but a 4-layer PCB may not meet system performance goals. Therefore,
system performance using a 4-layer PCB design must be evaluated during product design.
9.2
Packaging Information
The following pages include mechanical packaging and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and
revision of this document. For browser-based versions of this data sheet, refer to the left-hand navigation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com