Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 240 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 240 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 236Page - Texas Instruments AM3351 Datasheet HTML 237Page - Texas Instruments AM3351 Datasheet HTML 238Page - Texas Instruments AM3351 Datasheet HTML 239Page - Texas Instruments AM3351 Datasheet HTML 240Page - Texas Instruments AM3351 Datasheet HTML 241Page - Texas Instruments AM3351 Datasheet HTML 242Page - Texas Instruments AM3351 Datasheet HTML 243Page - Texas Instruments AM3351 Datasheet HTML 244Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 252 page
background image
240
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Device and Documentation Support
Copyright © 2011–2016, Texas Instruments Incorporated
Selection and Solution Guides
Connected Sensors Building Automation Systems Guide The use of connected sensors has a wide
range of uses in building automation applications, from monitoring human safety and
security, controlling the environment and ambience specified by the comfort preferences of
the end user, or either periodic or continuous data logging of environmental and system data
to detect irregular system conditions.
White Papers
Building Automation for Enhanced Energy And Operational Efficiency Discusses building automation
solutions, focusing on aspects of the Building Control System. TI’s Sitara processors
facilitate intelligent automation of the control systems. The scalable Sitara processor portfolio
offers an opportunity to build a platform solution that also spans beyond Building Control
Systems.
POWERLINK on TI Sitara Processors Supports Ethernet standard features such as cross-traffic, hot-
plugging and different types of network configurations such as star, ring and mixed
topologies.
EtherNet/IP on TI's Sitara AM335x Processors
EtherNet/IP™
(EtherNet/Industrial
Protocol)
is
an
industrial automation networking protocol based on the IEEE 802.3 Ethernet standard that
has dominated the world of IT networking for the past three decades.
PROFINET on TI’s Sitara AM335x Processors
To integrate PROFINET into the Sitara AM335x
processor, TI has built upon its programmable realtime unit (PRU) technology to create an
industrial communication sub-system (ICSS).
Profibus on AM335x and AM1810 Sitara ARM Microprocessor PROFIBUS, one of the most used
communication technologies, is installed in more than 35 million industrial nodes worldwide
and is growing at a rate of approximately 10 percent each year.
EtherCAT on Sitara AM335x ARM Cortex-A8 Microprocessors Emerging real-time industrial Ethernet
standard for industrial automation applications, such as input/output (I/O) devices, sensors
and programmable logic controllers (PLCs).
Mainline Linux Ensures Stability and Innovation Enabling and empowering the rapid development of
new functionality starts at the foundational level of the system’s software environment – that
is, at the level of the Linux kernel – and builds upward from there.
Complete Solutions for Next-Generation Wireless Connected Audio Robust, feature-rich and high-
performance connectivity technology for Wi-Fi and Bluetooth.
Data Concentrators: The Core of Energy and Data Management
With a large install base, it is
essential to establish an automated metering infrastructure (AMI). With automated meter
reading (AMR) measurement, the communication of meter data to the central billing station
will be seamless.
Linaro Speeds Development in TI Linux SDKs Linaro’s software is not a Linux distribution; in fact, it is
distribution neutral. The focus of the organization’s 120 engineers is on optimizing base-level
open-source software in areas that interact directly with the silicon such as multimedia,
graphics, power management, the Linux kernel and booting processes.
Getting Started on TI ARM Embedded Processor Development Beginning with an overview of ARM
technology and available processor platforms, this paper will then explore the fundamentals
of embedded design that influence a system’s architecture and, consequently, impact
processor selection.
Power Optimization Techniques for Energy-Efficient Systems The TI Sitara processor solutions offer
the flexibility to design application-specific systems. The latest Sitara AM335x processors
provide a scalable architecture with speed ranging from 300 MHz to 1 GHz.
The Yocto Project: Changing the Way Embedded Linux Software Solutions are Developed Enabling
complex silicon devices such as SoC with operating firmware and application software can
be a challenge for equipment manufacturers who often are more comfortable with hardware
than software issues.
Smart Thermostats are a Cool Addition to the Connected Home Because of the pervasiveness of
residential broadband connectivity and the explosion in options, the key to the connected
home is – connectivity.
BeagleBone Low-Cost Development Board Provides a Clear Path to Open-source Resources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com