Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 238 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 238 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 234Page - Texas Instruments AM3351 Datasheet HTML 235Page - Texas Instruments AM3351 Datasheet HTML 236Page - Texas Instruments AM3351 Datasheet HTML 237Page - Texas Instruments AM3351 Datasheet HTML 238Page - Texas Instruments AM3351 Datasheet HTML 239Page - Texas Instruments AM3351 Datasheet HTML 240Page - Texas Instruments AM3351 Datasheet HTML 241Page - Texas Instruments AM3351 Datasheet HTML 242Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 252 page
background image
238
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Device and Documentation Support
Copyright © 2011–2016, Texas Instruments Incorporated
Development Tools
Clock Tree Tool for Sitara ARM Processors Interactive clock tree configuration software that provides
information about the clocks and modules in Sitara devices.
Code Composer Studio (CCS) Integrated Development Environment (IDE) for Sitara ARM
Processors
Integrated development environment (IDE) that supports TI's Microcontroller and Embedded
Processors portfolio. Code Composer Studio comprises a suite of tools used to develop and
debug embedded applications. It includes an optimizing C/C++ compiler, source code editor,
project build environment, debugger, profiler, and many other features. The intuitive IDE
provides a single user interface taking you through each step of the application development
flow. Familiar tools and interfaces allow users to get started faster than ever before. Code
Composer Studio combines the advantages of the Eclipse software framework with
advanced embedded debug capabilities from TI resulting in a compelling feature-rich
development environment for embedded developers.
Pin Mux Tool Provides a Graphical User Interface for configuring pin multiplexing settings, resolving
conflicts and specifying I/O cell characteristics for TI MPUs. Results are output as C
header/code files that can be imported into software development kits (SDK) or used to
configure customer's custom software. Version 3 of the Pin Mux utility adds the capability of
automatically selecting a mux configuration that satisfies the entered requirements.
Power Estimation Tool (PET) Provides users the ability to gain insight in to the power consumption of
select TI processors. The tool includes the ability for the user to choose multiple application
scenarios and understand the power consumption as well as how advanced power saving
techniques can be applied to further reduce overall power consumption.
Uniflash Standalone Flash Tool for TI Microcontrollers (MCU), Sitara Processors and SimpleLink
devices
Programs on-chip flash memory on TI MCUs and onboard flash memory for Sitara
processors. Uniflash has a GUI, command line, and scripting interface. CCS Uniflash is
available free of charge.
XDS200 USB Debug Probe Connects to the target board via a TI 20-pin connector (with multiple
adapters for TI 14-pin, ARM 10-pin and ARM 20-pin) and to the host PC via USB2.0 High
Speed (480Mbps). It also requires a license of Code Composer Studio IDE running on the
host PC.
XDS560v2 System Trace USB and Ethernet Debug Probe Adds system pin trace in its large external
memory buffer. Available for selected TI devices, this external memory buffer captures
device-level information that allows obtaining accurate bus performance activity and
throughput, as well as power management of core and peripherals. Also, all XDS debug
probes support Core and System Trace in all ARM and DSP processors that feature an
Embedded Trace Buffer (ETB).
XDS560v2 System Trace USB Debug Probe Adds system pin trace in its large external memory buffer.
Available for selected TI devices, this external memory buffer captures device-level
information that allows obtaining accurate bus performance activity and throughput, as well
as power management of core and peripherals. Also, all XDS debug probes support Core
and System Trace in all ARM and DSP processors that feature an Embedded Trace Buffer
(ETB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com