Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 239 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 239 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 235Page - Texas Instruments AM3351 Datasheet HTML 236Page - Texas Instruments AM3351 Datasheet HTML 237Page - Texas Instruments AM3351 Datasheet HTML 238Page - Texas Instruments AM3351 Datasheet HTML 239Page - Texas Instruments AM3351 Datasheet HTML 240Page - Texas Instruments AM3351 Datasheet HTML 241Page - Texas Instruments AM3351 Datasheet HTML 242Page - Texas Instruments AM3351 Datasheet HTML 243Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 252 page
background image
239
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Device and Documentation Support
Copyright © 2011–2016, Texas Instruments Incorporated
Models
AM335x ZCE IBIS Model ZCE package IBIS model
AM335x ZCZ IBIS Model ZCZ package IBIS model
AM335x ZCE Rev. 2.1 BSDL Model ZCE package BSDL model for the revision 2.1 TI F781962A Fixed-
and Floating-Point DSP with Boundary Scan
AM335x ZCZ Rev. 2.1 BSDL Model ZCZ package BSDL model for the revision 2.1 TI F781962A Fixed-
and Floating-Point DSP with Boundary Scan
8.3
Documentation Support
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the
upper right corner, click on Alert me to register and receive a weekly digest of any product information that
has changed. For change details, review the revision history included in any revised document.
The current documentation that describes the processor, related peripherals, and other technical collateral
is listed below.
Errata
AM335x Sitara Processors Silicon Errata
Describes the known exceptions to the functional specifications for the AM335x Sitara
Processors.
Application Reports
Processor SDK RTOS Customization: Modifying Board Library to Change UART Instance on
AM335x
Describes the procedure to modify the default UART0 example in the AM335x Processor
SDK RTOS package to enable UART1. On the BeagleBone Black (BBB) P9 header, pins
24(TX) and 26(RX) are connected to UART1. This procedure shows a test to verify that
UART1 is enabled on the BBB.
High-Speed Layout Guidelines As modern bus interface frequencies scale higher, care must be taken in
the printed circuit board (PCB) layout phase of a design to ensure a robust solution.
AM335x Reliability Considerations in PLC Applications Programmable Logic Controllers (PLC) are
used as the main control in an automation system with high- reliability expectations and long
life in harsh environments. Processors used in these applications require an assessment of
performance verses expected power on hours to achieve the optimal performance for the
application.
AM335x Thermal Considerations Discusses the thermal considerations of the AM335x devices. It offers
guidance on analysis of the processor's thermal performance, suggests improvements for an
end system to aid in overcoming some of the existing challenges of producing a good
thermal design, and provides real power/thermal data measured with AM335x EVMs for user
evaluation.
User's Guides
TPS65910Ax User's Guide for AM335x Processors User's Guide A reference for connectivity between
the TPS65910Ax power-management integrated circuit (PMIC) and the AM335x processor.
AM335x and AMIC110 Sitara Processors Technical Reference Manual
Details the integration, the environment, the functional description, and the programming
models for each peripheral and subsystem in the device.
G3 Power Line Communications Data Concentrator on BeagleBone Black Platform Design Guide
Provide the foundation that you need including methodology, testing, and design files to
quickly evaluate and customize the system. TI Designs help you accelerate your time to
market.
Powering the AM335x with the TPS65217x A reference for connectivity between the TPS65217 power
management IC and the AM335x processor.
Powering the AM335x With the TPS650250 Details a power solution for the AM335x application
processor with a TPS650250 Power Management Unit (PMU) or Power Management IC
(PMIC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com