Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 237 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 237 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 233Page - Texas Instruments AM3351 Datasheet HTML 234Page - Texas Instruments AM3351 Datasheet HTML 235Page - Texas Instruments AM3351 Datasheet HTML 236Page - Texas Instruments AM3351 Datasheet HTML 237Page - Texas Instruments AM3351 Datasheet HTML 238Page - Texas Instruments AM3351 Datasheet HTML 239Page - Texas Instruments AM3351 Datasheet HTML 240Page - Texas Instruments AM3351 Datasheet HTML 241Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 252 page
background image
237
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Device and Documentation Support
Copyright © 2011–2016, Texas Instruments Incorporated
PRU Real-Time I/O Evaluation Reference Design BeagleBone Black add-on board that allows users get
to know TI’s powerful Programmable Real-Time Unit (PRU) core and basic functionality. The
PRU is a low-latency microcontroller subsystem integrated in the Sitara AM335x and
AM437x family of devices. The PRU core is optimized for deterministic, real-time processing,
direct access to I/Os and ultra-low-latency requirements. With LEDs and push buttons for
GPIO, audio, a temp sensor, optional character display and more, this add-on board includes
schematics, bill of materials (BOM), design files, and design guide to teach the basics of the
PRU.
Smart Home and Energy Gateway Reference Design
Provides
example
implementation
for
measurement, management and communication of energy systems for smart homes and
buildings. This example design is a bridge between different communication interfaces, such
as WiFi, Ethernet, ZigBee or Bluetooth, that are commonly found in residential and
commercial buildings. Since objects in the house and buildings are becoming more and
more connected, the gateway design needs to be flexible to accommodate different RF
standard, since no single RF standard is dominating the market. This example gateway
addresses this problem by supporting existing legacy RF standards (WiFi, Bluetooth) and
newer RF standards (ZigBee, BLE).
Streaming Audio Reference Design Minimizes design time for customers by offering small form factor
hardware and major software components, including streaming protocols and internet radio
services. With this reference design, TI offers a quick and easy transition path to the
AM335x and WiLink8 platform solution. This proven combo solution provides key
advantages in this market category that helps bring your products to the next level.
Software
Processor SDK for AM335X Sitara Processors - Linux and TI-RTOS Support
Unified
software
platform for TI embedded processors providing easy setup and fast out-of-the-box access to
benchmarks and demos. All releases of Processor SDK are consistent across TI’s broad
portfolio, allowing developers to seamlessly reuse and migrate software across devices.
Developing scalable platform solutions has never been easier than with the Processor SDK
and TI’s embedded processor solutions.
G3 Data Concentrator Power-Line Communication Modem G3-PLC standard for narrowband OFDM
Power Line Communications. The data concentrator solution is designed for the head-end
systems which communicate with the end meters (“service node”) in the neighborhood area
network.
PRIME Data Concentrator Power-Line Communication Modem
PRIME
standard
for
narrowband
OFDM Power Line Communications. The data concentrator solution is designed for the
head-end systems which communicate with the end meters (“service node”) in the
neighborhood area network.
TI Dual-Mode Bluetooth Stack Comprised of Single-Mode and Dual-Mode offerings implementing the
Bluetooth 4.0 specification. The Bluetooth stack is fully Bluetooth Special Interest Group
(SIG) qualified, certified and royalty-free, provides simple command line sample applications
to speed development, and upon request has MFI capability.
Cryptography for TI Devices Enables encryption, crypto for TI devices. These files contain only
cryptographic modules that were part of a TI software release. For the complete software
release please search ti.com for your device part number, and download the Software
Development Kit (SDK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com