Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 235 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 235 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 231Page - Texas Instruments AM3351 Datasheet HTML 232Page - Texas Instruments AM3351 Datasheet HTML 233Page - Texas Instruments AM3351 Datasheet HTML 234Page - Texas Instruments AM3351 Datasheet HTML 235Page - Texas Instruments AM3351 Datasheet HTML 236Page - Texas Instruments AM3351 Datasheet HTML 237Page - Texas Instruments AM3351 Datasheet HTML 238Page - Texas Instruments AM3351 Datasheet HTML 239Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 252 page
background image
ARM Cortex-A8 MPU:
AM3351
AM3352
AM3358
AM3359
AM3354
AM3356
AM3357
DEVICE
(A)
PREFIX
AM3358
X = Experimental device
Blank = Qualified device
ZCZ
(
)
PACKAGE TYPE
(B)
ZCE = 298-pin plastic BGA, with Pb-Free solder balls
ZCZ = 324-pin plastic BGA, with Pb-Free solder balls
DEVICE SPEED RANGE
27 = 275-MHz Cortex-A8
30 = 300-MHz Cortex-A8
50 =
= 600-MHz
= 720-MHz
500-MHz Cortex-A8
Cortex-A8
72
Cortex-A8
80 = 800-MHz Cortex-A8
100 = 1-GHz Cortex-A8
60
TEMPERATURE RANGE
Blank = 0°C to 90°C (commercial junction temperature)
A = -40
extended junction temperature)
D = -40
industrial junction temperature)
T = -40°C to 125°C (industrial extended junction temperature)
°C to 105°C (
°C to 90°C (
(
)
B
DEVICE REVISION CODE
Blank = silicon revision 1.0
A = silicon revision 2.0
B = silicon revision 2.1
X
(
)
CARRIER TYPE
Blank = Tray
R = Tape and Reel
235
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Device and Documentation Support
Copyright © 2011–2016, Texas Instruments Incorporated
A.
The AM3358 device shown in this device nomenclature example is one of several valid part numbers for the AM335x
family of devices. For orderable device part numbers, see the Package Option Addendum of this document.
B.
BGA = Ball grid array
Figure 8-1. AM335x Device Nomenclature
8.2
Tools and Software
TI offers an extensive line of development tools. Tools and software to evaluate the performance of the
device, generate code, and develop solutions are listed below.
Design Kits and Evaluation Modules
AM335x Evaluation Module Enables developers to immediately start evaluating the AM335x processor
family (AM3351, AM3352, AM3354, AM3356, AM3358) and begin building applications such
as portable navigation, portable gaming, home/building automation and others.
AM335x Starter Kit Provides a stable and affordable platform to quickly start evaluation of Sitara ARM
Cortex-A8 AM335x Processors (AM3351, AM3352, AM3354, AM3356, AM3358) and
accelerate development for smart appliance, industrial and networking applications. It is a
low-cost development platform based on the ARM Cortex-A8 processor that is integrated
with options such as Dual Gigabit Ethernet, DDR3 and LCD touch screen.
BeagleBone Black Development Board Low-cost, open source, community-supported development
platform for ARM Cortex-A8 processor developers and hobbyists. Boot Linux in under 10-
seconds and get started on Sitara AM335x ARM Cortex-A8 processor development in less
than 5 minutes with just a single USB cable.
BeagleBone Development Board
Low-cost, community-supported development platform for ARM
Cortex-A8 processor developers. Boot Linux in under 10-seconds and get started on Sitara
AM335x ARM Cortex-A8 processor development in less than 5 minutes with just a single
USB cable. For TI-supported hardware platforms, consider the Sitara ARM AM335x Starter
Kit or AM335x Evaluation Module.
Data Concentrator Evaluation Module Based on AM3359 as the main processor and has Power Line
Communication (PLC) Module to support various OFDM PLC communication standards.
TMDSDC3359 also has capability to support multiple interfaces, sub-1GHz and 2.4GHz RF,
Ethernet, RS-232, and RS-485. This evaluation module is ideal development platform for
smart grid infrastructure applications including data concentrator, convergent node of grid
sensor network, and control equipment of power automation.
WiLink™ 8 Dual Band 2.4 & 5 GHz Wi-Fi® + Bluetooth® COM8 Evaluation Module Enables customers
to add both Wi-Fi and Bluetooth to home and building automation, smart energy, gateways,
wireless audio, enterprise, wearables and many more industrial and Internet of Things (IoT)
applications. TI’s WiLink 8 modules are certified and offer high throughput and extended
range along with Wi-Fi and Bluetooth coexistence in a power-optimized design. Drivers for
the Linux and Android high-level operating systems (HLOSs) are available free of charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com