Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 232 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 232 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 228Page - Texas Instruments AM3351 Datasheet HTML 229Page - Texas Instruments AM3351 Datasheet HTML 230Page - Texas Instruments AM3351 Datasheet HTML 231Page - Texas Instruments AM3351 Datasheet HTML 232Page - Texas Instruments AM3351 Datasheet HTML 233Page - Texas Instruments AM3351 Datasheet HTML 234Page - Texas Instruments AM3351 Datasheet HTML 235Page - Texas Instruments AM3351 Datasheet HTML 236Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 252 page
background image
Pulse Duration
50%
50%
50%
Pulse Duration
232
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.15.2 UART IrDA Interface
The IrDA module operates in three different modes:
•
Slow infrared (SIR) (
≤115.2 kbps)
•
Medium infrared (MIR) (0.576 Mbps and 1.152 Mbps)
•
Fast infrared (FIR) (4 Mbps).
Figure 7-115 shows the UART IrDA pulse parameters. Table 7-115 and Table 7-116 list the signaling
rates and pulse durations for UART IrDA receive and transmit modes.
Figure 7-115. UART IrDA Pulse Parameters
Table 7-115. UART IrDA—Signaling Rate and Pulse Duration—Receive Mode
SIGNALING RATE
ELECTRICAL PULSE DURATION
UNIT
MIN
MAX
SIR
2.4 kbps
1.41
88.55
µs
9.6 kbps
1.41
22.13
µs
19.2 kbps
1.41
11.07
µs
38.4 kbps
1.41
5.96
µs
57.6 kbps
1.41
4.34
µs
115.2 kbps
1.41
2.23
µs
MIR
0.576 Mbps
297.2
518.8
ns
1.152 Mbps
149.6
258.4
ns
FIR
4 Mbps (single pulse)
67
164
ns
4 Mbps (double pulse)
190
289
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com