Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 231 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 231 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 227Page - Texas Instruments AM3351 Datasheet HTML 228Page - Texas Instruments AM3351 Datasheet HTML 229Page - Texas Instruments AM3351 Datasheet HTML 230Page - Texas Instruments AM3351 Datasheet HTML 231Page - Texas Instruments AM3351 Datasheet HTML 232Page - Texas Instruments AM3351 Datasheet HTML 233Page - Texas Instruments AM3351 Datasheet HTML 234Page - Texas Instruments AM3351 Datasheet HTML 235Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 252 page
background image
2
2
Start
Bit
Data Bits
UARTx_TXD
3
Data Bits
Bit
Start
3
UARTx_RXD
2
3
Stop Bit
Stop Bit
231
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.15 Universal Asynchronous Receiver Transmitter (UART)
For more information, see the Universal Asynchronous Receiver Transmitter (UART) section of the
AM335x and AMIC110 Sitara Processors Technical Reference Manual.
7.15.1 UART Electrical Data and Timing
Table 7-113. Timing Requirements for UARTx Receive
(see Figure 7-114)
NO.
MIN
MAX
UNIT
3
tw(RX)
Pulse duration, receive start, stop, data bit
0.96U(1)
1.05U(1)
ns
(1) U = UART baud time = 1/programmed baud rate.
Table 7-114. Switching Characteristics for UARTx Transmit
(see Figure 7-114)
NO.
PARAMETER
MIN
MAX
UNIT
1
ƒbaud(baud)
Maximum programmable baud rate
3.6864
MHz
2
tw(TX)
Pulse duration, transmit start, stop, data bit
U – 2(1)
U + 2(1)
ns
(1) U = UART baud time = 1 / programmed baud rate
Figure 7-114. UART Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com