Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 227 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 227 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 223Page - Texas Instruments AM3351 Datasheet HTML 224Page - Texas Instruments AM3351 Datasheet HTML 225Page - Texas Instruments AM3351 Datasheet HTML 226Page - Texas Instruments AM3351 Datasheet HTML 227Page - Texas Instruments AM3351 Datasheet HTML 228Page - Texas Instruments AM3351 Datasheet HTML 229Page - Texas Instruments AM3351 Datasheet HTML 230Page - Texas Instruments AM3351 Datasheet HTML 231Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 252 page
background image
MDIO_CLK (Output)
1
2
MDIO_DATA (Input)
227
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
P = PRU-ICSS IEP clock source period.
Table 7-102. PRU-ICSS ECAT Switching Requirements - Digital I/Os
NO.
PARAMETER
MIN
MAX
UNIT
1
tw(EDIO_OUTVALID)
Pulse duration, EDIO_OUTVALID
14 × P(1)
32 × P(1)
ns
2
tr(EDIO_OUTVALID)
Rising time, EDIO_OUTVALID
1.00
3.00
ns
3
tf(EDIO_OUTVALID)
Falling time, EDIO_OUTVALID
1.00
3.00
ns
4
td(EDIO_OUTVALID-
EDIO_DATA_OUT)
Delay time, EDIO_OUTVALID to EDIO_DATA_OUT
0.00
18 × P(1)
ns
5
tr(EDIO_DATA_OUT)
Rising time, EDIO_DATA_OUT
1.00
3.00
ns
6
tf(EDIO_DATA_OUT)
Falling time, EDIO_DATA_OUT
1.00
3.00
ns
7
tsk(EDIO_DATA_OUT)
EDIO_DATA_OUT skew
8.00
ns
7.14.3 PRU-ICSS MII_RT and Switch
(1)
Except when specified otherwise.
Table 7-103. PRU-ICSS MII_RT Switch Timing Conditions
PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tR
Input signal rise time
1(1)
3(1)
ns
tF
Input signal fall time
1(1)
3(1)
ns
Output Condition
CLOAD
Output load capacitance
3
20
pF
7.14.3.1 PRU-ICSS MDIO Electrical Data and Timing
Table 7-104. PRU-ICSS MDIO Timing Requirements – MDIO_DATA
(see Figure 7-106)
NO.
MIN
TYP
MAX
UNIT
1
tsu(MDIO-MDC)
Setup time, MDIO valid before MDC high
90
ns
2
th(MDIO-MDC)
Hold time, MDIO valid from MDC high
0
ns
Figure 7-106. PRU-ICSS MDIO_DATA Timing - Input Mode
Table 7-105. PRU-ICSS MDIO Switching Characteristics - MDIO_CLK
(see Figure 7-107)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
tc(MDC)
Cycle time, MDC
400
ns
2
tw(MDCH)
Pulse duration, MDC high
160
ns
3
tw(MDCL)
Pulse duration, MDC low
160
ns
4
tt(MDC)
Transition time, MDC
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com