Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 225 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 225 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 221Page - Texas Instruments AM3351 Datasheet HTML 222Page - Texas Instruments AM3351 Datasheet HTML 223Page - Texas Instruments AM3351 Datasheet HTML 224Page - Texas Instruments AM3351 Datasheet HTML 225Page - Texas Instruments AM3351 Datasheet HTML 226Page - Texas Instruments AM3351 Datasheet HTML 227Page - Texas Instruments AM3351 Datasheet HTML 228Page - Texas Instruments AM3351 Datasheet HTML 229Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 252 page
background image
EDC_SYNCx_OUT
3
2
6
5
1
4
EDIO_DATA_IN[7:0]
EDIO_LATCH_IN
3
2
6
5
1
4
EDIO_DATA_IN[7:0]
225
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
Table 7-98. PRU-ICSS ECAT Timing Requirements – Input Validated With LATCH_IN (continued)
(see Figure 7-102)
NO.
MIN
MAX
UNIT
6
tr(EDIO_DATA_IN)
Rising time, EDIO_DATA_IN
1.00
3.00
ns
tf(EDIO_DATA_IN)
Falling time, EDIO_DATA_IN
1.00
3.00
ns
Figure 7-102. PRU-ICSS ECAT Input Validated With LATCH_IN Timing
Table 7-99. PRU-ICSS ECAT Timing Requirements – Input Validated With SYNCx
(see Figure 7-103)
NO.
MIN
MAX
UNIT
1
tw(EDC_SYNCx_OUT)
Pulse width, EDC_SYNCx_OUT
100.00
ns
2
tr(EDC_SYNCx_OUT)
Rising time, EDC_SYNCx_OUT
1.00
3.00
ns
3
tf(EDC_SYNCx_OUT)
Falling time, EDC_SYNCx_OUT
1.00
3.00
ns
4
tsu(EDIO_DATA_IN-
EDC_SYNCx_OUT)
Setup time, EDIO_DATA_IN valid before
EDC_SYNCx_OUT active edge
20.00
ns
5
th(EDC_SYNCx_OUT-
EDIO_DATA_IN)
Hold time, EDIO_DATA_IN valid after EDC_SYNCx_OUT
active edge
20.00
ns
6
tr(EDIO_DATA_IN)
Rising time, EDIO_DATA_IN
1.00
3.00
ns
tf(EDIO_DATA_IN)
Falling time, EDIO_DATA_IN
1.00
3.00
ns
Figure 7-103. PRU-ICSS ECAT Input Validated With SYNCx Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com