Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 222 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 222 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 218Page - Texas Instruments AM3351 Datasheet HTML 219Page - Texas Instruments AM3351 Datasheet HTML 220Page - Texas Instruments AM3351 Datasheet HTML 221Page - Texas Instruments AM3351 Datasheet HTML 222Page - Texas Instruments AM3351 Datasheet HTML 223Page - Texas Instruments AM3351 Datasheet HTML 224Page - Texas Instruments AM3351 Datasheet HTML 225Page - Texas Instruments AM3351 Datasheet HTML 226Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 252 page
background image
GPO[n:0]
3
1
2
GPI[m:0]
3
1
2
222
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.14 Programmable Real-Time Unit Subsystem and Industrial Communication Subsystem
(PRU-ICSS)
For more information, see the Programmable Real-Time Unit Subsystem and Industrial Communication
Subsystem Interface (PRU-ICSS) section of the AM335x and AMIC110 Sitara Processors Technical
Reference Manual.
7.14.1 Programmable Real-Time Unit (PRU-ICSS PRU)
Table 7-91. PRU-ICSS PRU Timing Conditions
PARAMETER
MIN
MAX
UNIT
Output Condition
Cload
Capacitive load for each bus line
30
pF
7.14.1.1 PRU-ICSS PRU Direct Input/Output Mode Electrical Data and Timing
(1)
P = L3_CLK (PRU-ICSS ocp clock) period.
(2)
n = 16
Table 7-92. PRU-ICSS PRU Timing Requirements - Direct Input Mode
(see Figure 7-96)
NO.
MIN
MAX
UNIT
1
tw(GPI)
Pulse width, GPI
2 × P(1)
ns
2
tr(GPI)
Rise time, GPI
1.00
3.00
ns
tf(GPI)
Fall time, GPI
1.00
3.00
ns
3
tsk(GPI)
Internal skew between GPI[n:0] signals(2)
PRU0
1.00
ns
PRU1
3.00
(1)
P = L3_CLK (PRU-ICSS ocp clock) period
(2)
n = 15
Figure 7-96. PRU-ICSS PRU Direct Input Timing
Table 7-93. PRU-ICSS PRU Switching Requirements – Direct Output Mode
(see Figure 7-69)
NO.
PARAMETER
MIN
MAX
UNIT
1
tw(GPO)
Pulse width, GPO
2 × P(1)
ns
2
tr(GPO)
Rise time, GPO
1.00
3.00
ns
tf(GPO)
Fall time, GPO
1.00
3.00
ns
3
tsk(GPO)
Internal skew between GPO[n:0] signals(2)
PRU0
1.00
ns
PRU1
5.00
Figure 7-97. PRU-ICSS PRU Direct Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com