Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 219 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 219 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 215Page - Texas Instruments AM3351 Datasheet HTML 216Page - Texas Instruments AM3351 Datasheet HTML 217Page - Texas Instruments AM3351 Datasheet HTML 218Page - Texas Instruments AM3351 Datasheet HTML 219Page - Texas Instruments AM3351 Datasheet HTML 220Page - Texas Instruments AM3351 Datasheet HTML 221Page - Texas Instruments AM3351 Datasheet HTML 222Page - Texas Instruments AM3351 Datasheet HTML 223Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 252 page
background image
MMC[x]_CLK (Output)
1
2
MMC[x]_CMD (Input)
MMC[x]_DAT[7:0] (Inputs)
3
4
219
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.13 Multimedia Card (MMC) Interface
For more information, see the Multimedia Card (MMC) section of the AM335x and AMIC110 Sitara
Processors Technical Reference Manual.
7.13.1 MMC Electrical Data and Timing
Table 7-86. MMC Timing Conditions
PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tr
Input signal rise time
1
5
ns
tf
Input signal fall time
1
5
ns
Output Condition
Cload
Output load capacitance
3
30
pF
Table 7-87. Timing Requirements for MMC[x]_CMD and MMC[x]_DAT[7:0]
(see Figure 7-92)
NO.
1.8-V MODE
3.3-V MODE
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
1
tsu(CMDV-CLKH)
Setup time, MMC_CMD valid before MMC_CLK rising clock edge
4.1
4.1
ns
2
th(CLKH-CMDV)
Hold time, MMC_CMD valid after
MMC_CLK rising clock edge
Industrial extended
temperature
(–40°C to 125°C)
MMC0-2
3.76
3.76
ns
All other
temperature ranges
MMC0
3.76
2.52
MMC1
3.76
3.03
MMC2
3.76
3.0
3
tsu(DATV-CLKH)
Setup time, MMC_DATx valid before MMC_CLK rising clock edge
4.1
4.1
ns
4
th(CLKH-DATV)
Hold time, MMC_DATx valid after
MMC_CLK rising clock edge
Industrial extended
temperature
(–40°C to 125°C)
MMC0-2
3.76
3.76
ns
All other
temperature ranges
MMC0
3.76
2.52
MMC1
3.76
3.03
MMC2
3.76
3.0
Figure 7-92. MMC[x]_CMD and MMC[x]_DAT[7:0] Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com