Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 216 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 216 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 212Page - Texas Instruments AM3351 Datasheet HTML 213Page - Texas Instruments AM3351 Datasheet HTML 214Page - Texas Instruments AM3351 Datasheet HTML 215Page - Texas Instruments AM3351 Datasheet HTML 216Page - Texas Instruments AM3351 Datasheet HTML 217Page - Texas Instruments AM3351 Datasheet HTML 218Page - Texas Instruments AM3351 Datasheet HTML 219Page - Texas Instruments AM3351 Datasheet HTML 220Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 252 page
background image
216
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.12.1.2 McSPI—Master Mode
Table 7-83. McSPI Timing Conditions – Master Mode
PARAMETER
LOW LOAD
HIGH LOAD
UNIT
MIN
MAX
MIN
MAX
Input Conditions
tr
Input signal rise time
8
8
ns
tf
Input signal fall time
8
8
ns
Output Condition
Cload
Output load capacitance
5
25
pF
Table 7-84. Timing Requirements for McSPI Input Timings – Master Mode
(see Figure 7-90)
NO.
OPP100
OPP50
UNIT
LOW LOAD
HIGH LOAD
LOW LOAD
HIGH LOAD
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
4
tsu(SOMI-
SPICLKH)
Setup time, SPI_D[x] (SOMI) valid before
SPI_CLK active edge(1)
2.29
3.02
2.29
3.02
ns
5
th(SPICLKH-
SOMI)
Hold time, SPI_D[x]
(SOMI) valid after
SPI_CLK active edge(1)
Industrial extended
temperature
(-40°C to 125°C)
7.1
7.1
7.1
7.1
ns
All other
temperature ranges
4.7
4.7
4.7
4.7
(1) Pins SPIx_D0 and SPIx_D1 can function as SIMO or SOMI.
Table 7-85. Switching Characteristics for McSPI Output Timings – Master Mode
(see Figure 7-91)
NO.
PARAMETER
OPP100
OPP50
UNIT
LOW LOAD
HIGH LOAD
LOW LOAD
HIGH LOAD
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(SPICLK)
Cycle time, SPI_CLK
20.8
20.8
41.6
41.6
ns
2
tw(SPICLKL)
Typical pulse duration,
SPI_CLK low
0.5P –
1.04(1)
0.5P +
1.04(1)
0.5P –
2.08(1)
0.5P +
2.08(1)
0.5P –
1.04(1)
0.5P +
1.04(1)
0.5P –
2.08(1)
0.5P +
2.08(1)
ns
3
tw(SPICLKH)
Typical pulse duration,
SPI_CLK high
0.5P –
1.04(1)
0.5P +
1.04(1)
0.5P –
2.08(1)
0.5P +
2.08(1)
0.5P –
1.04(1)
0.5P +
1.04(1)
0.5P –
2.08(1)
0.5P +
2.08(1)
ns
tr(SPICLK)
Rising time, SPI_CLK
3.82
3.82
3.82
3.82
ns
tf(SPICLK)
Falling time, SPI_CLK
3.44
3.44
3.44
3.44
ns
6
td(SPICLK-SIMO)
Delay time, SPI_CLK
active edge to SPI_D[x]
(SIMO) transition(2)
–3.57
3.57
–4.62
4.62
–3.57
3.57
–4.62
4.62
ns
7
td(CS-SIMO)
Delay time, SPI_CS active
edge to SPI_D[x] (SIMO)
transition(2)
3.57
4.62
3.57
4.62
ns
8
td(CS-SPICLK)
Delay time,
SPI_CS active
to SPI_CLK
first edge
Mode 1
and 3(3)
A – 4.2(4)
A – 2.54(4)
A – 4.2(4)
A – 2.54(4)
ns
Mode 0
and 2(3)
B – 4.2(5)
B – 2.54(5)
B – 4.2(5)
B – 2.54(5)
ns
9
td(SPICLK-CS)
Delay time,
SPI_CLK last
edge to
SPI_CS
inactive
Mode 1
and 3(3)
B – 4.2(5)
B – 2.54(5)
B – 4.2(5)
B – 2.54(5)
ns
Mode 0
and 2(3)
A – 4.2(4)
A – 2.54(4)
A – 4.2(4)
A – 2.54(4)
ns
(1) P = SPI_CLK period.
(2) Pins SPIx_D0 and SPIx_D1 can function as SIMO or SOMI.
(3) The polarity of SPIx_CLK and the active edge (rising or falling) on which mcspix_simo is driven and mcspix_somi is latched is all
software configurable:
–
SPIx_CLK(1) phase programmable with the bit PHA of MCSPI_CH(i)CONF register: PHA = 1 (Modes 1 and 3).
–
SPIx_CLK(1) phase programmable with the bit PHA of MCSPI_CH(i)CONF register: PHA = 0 (Modes 0 and 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com