Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 213 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 213 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 209Page - Texas Instruments AM3351 Datasheet HTML 210Page - Texas Instruments AM3351 Datasheet HTML 211Page - Texas Instruments AM3351 Datasheet HTML 212Page - Texas Instruments AM3351 Datasheet HTML 213Page - Texas Instruments AM3351 Datasheet HTML 214Page - Texas Instruments AM3351 Datasheet HTML 215Page - Texas Instruments AM3351 Datasheet HTML 216Page - Texas Instruments AM3351 Datasheet HTML 217Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 252 page
background image
213
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.12 Multichannel Serial Port Interface (McSPI)
For more information, see the Multichannel Serial Port Interface (McSPI) section of the AM335x and
AMIC110 Sitara Processors Technical Reference Manual.
7.12.1 McSPI Electrical Data and Timing
The following timings are applicable to the different configurations of McSPI in master or slave mode for
any McSPI and any channel (n).
7.12.1.1 McSPI—Slave Mode
Table 7-80. McSPI Timing Conditions – Slave Mode
PARAMETER
MIN
MAX
UNIT
Input Conditions
tr
Input signal rise time
5
ns
tf
Input signal fall time
5
ns
Output Condition
Cload
Output load capacitance
20
pF
Table 7-81. Timing Requirements for McSPI Input Timings—Slave Mode
(see Figure 7-88)
NO.
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
1
tc(SPICLK)
Cycle time, SPI_CLK
62.5
124.8
ns
2
tw(SPICLKL)
Typical pulse duration, SPI_CLK low
0.5P –
3.12(1)
0.5P +
3.12(1)
0.5P –
3.12(1)
0.5P +
3.12(1)
ns
3
tw(SPICLKH)
Typical pulse duration, SPI_CLK high
0.5P –
3.12(1)
0.5P +
3.12(1)
0.5P –
3.12(1)
0.5P +
3.12(1)
ns
4
tsu(SIMO-SPICLK)
Setup time, SPI_D[x] (SIMO) valid before SPI_CLK
active edge(2)(3)
12.92
12.92
ns
5
th(SPICLK-SIMO)
Hold time, SPI_D[x] (SIMO) valid after SPI_CLK
active edge(2)(3)
12.92
12.92
ns
8
tsu(CS-SPICLK)
Setup time, SPI_CS valid before SPI_CLK first
edge(2)
12.92
12.92
ns
9
th(SPICLK-CS)
Hold time, SPI_CS valid after SPI_CLK last edge(2)
12.92
12.92
ns
(1) P = SPI_CLK period.
(2) This timing applies to all configurations regardless of MCSPIX_CLK polarity and which clock edges are used to drive output data and
capture input data.
(3) Pins SPIx_D0 and SPIx_D1 can function as SIMO or SOMI.
Table 7-82. Switching Characteristics for McSPI Output Timings—Slave Mode
(see Figure 7-89)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
6
td(SPICLK-SOMI)
Delay time, SPI_CLK active edge to
SPI_D[x] (SOMI) transition(1)(2)
–4.00
17.12
–4.00
17.12
ns
7
td(CS-SOMI)
Delay time, SPI_CS active edge to
SPI_D[x] (SOMI) transition(1)(2)
17.12
17.12
ns
(1) This timing applies to all configurations regardless of MCSPIX_CLK polarity and which clock edges are used to drive output data and
capture input data.
(2) Pins SPIx_D0 and SPIx_D1 can function as SIMO or SOMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com