Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 211 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 211 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 207Page - Texas Instruments AM3351 Datasheet HTML 208Page - Texas Instruments AM3351 Datasheet HTML 209Page - Texas Instruments AM3351 Datasheet HTML 210Page - Texas Instruments AM3351 Datasheet HTML 211Page - Texas Instruments AM3351 Datasheet HTML 212Page - Texas Instruments AM3351 Datasheet HTML 213Page - Texas Instruments AM3351 Datasheet HTML 214Page - Texas Instruments AM3351 Datasheet HTML 215Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 252 page
background image
211
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
Table 7-79. Switching Characteristics for McASP(1)
(see Figure 7-87)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
9
tc(AHCLKRX)
Cycle time, McASP[x]_AHCLKR and
McASP[x]_AHCLKX
20(2)
40
ns
10
tw(AHCLKRX)
Pulse duration, McASP[x]_AHCLKR and
McASP[x]_AHCLKX high or low
0.5P – 2.5(3)
0.5P – 2.5(3)
ns
11
tc(ACLKRX)
Cycle time, McASP[x]_ACLKR and
McASP[x]_ACLKX
20
40
ns
12
tw(ACLKRX)
Pulse duration, McASP[x]_ACLKR and
McASP[x]_ACLKX high or low
0.5P – 2.5(3)
0.5P – 2.5(3)
ns
13
td(ACLKRX-AFSRX)
Delay time, McASP[x]_ACLKR and
McASP[x]_ACLKX transmit edge to
McASP[x]_AFSR and
McASP[x]_AFSX output valid
ACLKR and
ACLKX int
0
6
0
6
ns
ACLKR and
ACLKX ext in
2
13.5
2
18
Delay time, McASP[x]_ACLKR and
McASP[x]_ACLKX transmit edge to
McASP[x]_AFSR and
McASP[x]_AFSX output valid with
Pad Loopback
ACLKR and
ACLKX ext
out
2
13.5
2
18
14
td(ACLKX-AXR)
Delay time, McASP[x]_ACLKX
transmit edge to McASP[x]_AXR
output valid
ACLKX int
0
6
0
6
ns
ACLKX ext in
2
13.5
2
18
Delay time, McASP[x]_ACLKX
transmit edge to McASP[x]_AXR
output valid with Pad Loopback
ACLKX ext
out
2
13.5
2
18
15
tdis(ACLKX-AXR)
Disable time, McASP[x]_ACLKX
transmit edge to McASP[x]_AXR
output high impedance
ACLKX int
0
6
0
6
ns
ACLKX ext in
2
13.5
2
18
Disable time, McASP[x]_ACLKX
transmit edge to McASP[x]_AXR
output high impedance with pad
loopback
ACLKX ext
out
2
13.5
2
18
(1) ACLKR internal: ACLKRCTL.CLKRM = 1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0
ACLKR external output: ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1
ACLKX internal: ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0
ACLKX external output: ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1
(2) 50 MHz
(3) P = AHCLKR and AHCLKX period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com