Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 209 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 209 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 205Page - Texas Instruments AM3351 Datasheet HTML 206Page - Texas Instruments AM3351 Datasheet HTML 207Page - Texas Instruments AM3351 Datasheet HTML 208Page - Texas Instruments AM3351 Datasheet HTML 209Page - Texas Instruments AM3351 Datasheet HTML 210Page - Texas Instruments AM3351 Datasheet HTML 211Page - Texas Instruments AM3351 Datasheet HTML 212Page - Texas Instruments AM3351 Datasheet HTML 213Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 252 page
background image
209
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.11.2 McASP Electrical Data and Timing
Table 7-77. McASP Timing Conditions
PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tR
Input signal rise time
1(1)
4(1)
ns
tF
Input signal fall time
1(1)
4(1)
ns
Output Condition
CLOAD
Output load capacitance
15
30
pF
(1) Except when specified otherwise.
Table 7-78. Timing Requirements for McASP(1)
(see Figure 7-86)
NO.
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
1
tc(AHCLKRX)
Cycle time, McASP[x]_AHCLKR and
McASP[x]_AHCLKX
20
40
ns
2
tw(AHCLKRX)
Pulse duration, McASP[x]_AHCLKR and
McASP[x]_AHCLKX high or low
0.5P - 2.5(2)
0.5P - 2.5(2)
ns
3
tc(ACLKRX)
Cycle time, McASP[x]_ACLKR and
McASP[x]_ACLKX
20
40
ns
4
tw(ACLKRX)
Pulse duration, McASP[x]_ACLKR and
McASP[x]_ACLKX high or low
0.5R - 2.5(3)
0.5R - 2.5(3)
ns
5
tsu(AFSRX-
ACLKRX)
Setup time, McASP[x]_AFSR and
McASP[x]_AFSX input valid before
McASP[x]_ACLKR and
McASP[x]_ACLKX
ACLKR and
ACLKX int
11.5
15.5
ns
ACLKR and
ACLKX ext in
4
6
ACLKR and
ACLKX ext out
4
6
6
th(ACLKRX-
AFSRX)
Hold time, McASP[x]_AFSR and
McASP[x]_AFSX input valid after
McASP[x]_ACLKR and
McASP[x]_ACLKX
ACLKR and
ACLKX int
-1
-1
ns
ACLKR and
ACLKX ext in
0.4
0.4
ACLKR and
ACLKX ext out
0.4
0.4
7
tsu(AXR-ACLKRX)
Setup time, McASP[x]_AXR input
valid before McASP[x]_ACLKR and
McASP[x]_ACLKX
ACLKR and
ACLKX int
11.5
15.5
ns
ACLKR and
ACLKX ext in
4
6
ACLKR and
ACLKX ext out
4
6
8
th(ACLKRX-AXR)
Hold time, McASP[x]_AXR input
valid after McASP[x]_ACLKR and
McASP[x]_ACLKX
ACLKR and
ACLKX int
-1
-1
ns
ACLKR and
ACLKX ext in
0.4
0.4
ACLKR and
ACLKX ext out
0.4
0.4
(1) ACLKR internal: ACLKRCTL.CLKRM = 1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0
ACLKR external output: ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1
ACLKX internal: ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0
ACLKX external output: ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1
(2) P = McASP[x]_AHCLKR and McASP[x]_AHCLKX period in nanoseconds (ns).
(3) R = McASP[x]_ACLKR and McASP[x]_ACLKX period in ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com