Electronic Components Datasheet Search
  English  ▼

X  

MP2661 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2661
Description  4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2661 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2661 Datasheet HTML 13Page - Monolithic Power Systems MP2661 Datasheet HTML 14Page - Monolithic Power Systems MP2661 Datasheet HTML 15Page - Monolithic Power Systems MP2661 Datasheet HTML 16Page - Monolithic Power Systems MP2661 Datasheet HTML 17Page - Monolithic Power Systems MP2661 Datasheet HTML 18Page - Monolithic Power Systems MP2661 Datasheet HTML 19Page - Monolithic Power Systems MP2661 Datasheet HTML 20Page - Monolithic Power Systems MP2661 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
MP2661 – 0.5A, 1-CELL CHARGER W/ I2C CONTROL AND POWER PATH
MP2661 Rev. 1.03
www.MonolithicPower.com
17
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018MPS. All Rights Reserved.
The charge current is terminated at the same
time if TERM_TMR is set via Reg05[0] = 0;
otherwise, the charge current keeps tapering off.
If EN_BF = 0, the termination function is
disabled, the above actions will not occur.
During the charging process, the actual charge
current may be less than the register setting
due to other loop regulations, such as dynamic
power management (DPM) regulation (input
voltage, input current) or thermal regulation. If
the input current or the input voltage reach their
limits during the CV charge, the charge full
termination is not influenced when the charge
current is not so close to the EOC current
specification.
A new charge cycle starts when the following
conditions are valid:
 The input power is recycled
 Battery charging is enabled by the I2C
 Auto-recharge kicks in
Under the following conditions:
 No thermistor fault at NTC
 No safety timer fault
 No battery over-voltage
 BATFET is not forced to turn off
Automatic Recharge
When the battery is fully charged and the
charging is terminated, the battery may be
discharged due to system consumption or self-
discharge.
When
the
battery
voltage
is
discharged below the recharge threshold, and
VIN is still in the operation range, the IC begins
another new charging cycle automatically
without the requirement of restarting a charging
cycle manually.
The auto-recharge function is valid only when
EN_BF =1 and TERM_TMR=0.
Battery Over-Voltage Protection (OVP)
The IC is designed with a built-in battery over-
voltage limit about 130mV higher than VBATT_REG.
When the battery over-voltage event occurs,
the IC suspends the charging immediately and
asserts a fault.
Input Current and Input Voltage Based
Power Management
To meet the input source (usually USB)
maximum current limit specification, the IC uses
input current-based power management by
monitoring the input current continuously. The
total input current limit can be programmed via
the I2C to prevent the input source from
overloading.
If the pre-set input current limit is higher than
the rating of the input source, back-up input
voltage-based power management also works
to prevent the input source from being
overloaded. If either the input current limit or the
input voltage limit is reached, the Q1 MOSFET
between IN and SYS are regulated so that the
total input power is limited. As a result, the
system voltage drops. Once the system
declines to the minimum value of 4.56V or VIN-
160mV, the charge current is reduced to
prevent the system voltage from dropping
further.
Voltage-based DPM regulates the input voltage
to VIN_REG when the load is over the input power
capacity. VIN_REG set via the I
2C should be at
least 400mV higher than VBATT_REG to ensure the
stable operation of the regulator.
Battery Supplement Mode
The charge current is reduced to keep the input
current or input voltage in regulation when DPM
occurs. If the charge current is at zero, and the
input source is still overloaded due to a heavy
system load, the system voltage starts to fall off.
Once the system voltage falls below the battery
voltage, the IC enters battery supplement mode.
When the system voltage is 30mV below the
battery voltage, the ideal diode mode is
enabled. The battery MOSFET is regulated to
maintain
VBATT-VSYS
at
22.5mV.
If
the
supplement current IDSG*RON_BATT is higher than
22.5mV, the battery MOSFET is fully turned on
to keep the ideal forward voltage. When the
system load decreases, once VSYS is higher
than VBATT+20mV, ideal diode mode is disabled.
Figure
4
shows
the
dynamic
power
management and battery supplement mode
operation profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com