Electronic Components Datasheet Search
  English  ▼

X  

MP2661 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2661
Description  4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2661 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2661 Datasheet HTML 6Page - Monolithic Power Systems MP2661 Datasheet HTML 7Page - Monolithic Power Systems MP2661 Datasheet HTML 8Page - Monolithic Power Systems MP2661 Datasheet HTML 9Page - Monolithic Power Systems MP2661 Datasheet HTML 10Page - Monolithic Power Systems MP2661 Datasheet HTML 11Page - Monolithic Power Systems MP2661 Datasheet HTML 12Page - Monolithic Power Systems MP2661 Datasheet HTML 13Page - Monolithic Power Systems MP2661 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
MP2661 – 0.5A, 1-CELL CHARGER W/ I2C CONTROL AND POWER PATH
MP2661 Rev. 1.03
www.MonolithicPower.com
10
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, TA = 25°C, IIN_LMT=455mA, ICHG=246mA, VIN_REG=4.76V, unless otherwise noted.
4.182
4.184
4.186
4.188
4.190
4.192
4.194
4.196
4.198
4.200
-50 -30 -10 10 30 50 70 90110130
0.000
1.000
2.000
3.000
4.000
5.000
6.000
7.000
8.000
17.400
17.600
17.800
18.000
18.200
18.400
18.600
18.800
19.200
19.400
19.600
19.800
20.000
20.200
20.400
20.600
20.800
21.000
21.200
21.400
238.000
240.000
242.000
244.000
246.000
248.000
250.000
425.000
430.000
435.000
440.000
445.000
450.000
455.000
4.645
4.646
4.647
4.648
4.649
4.650
4.651
4.199
4.200
4.201
4.202
4.203
4.204
4.205
4.206
4.207
0.000
2.000
4.000
6.000
8.000
10.000
12.000
14.000
16.000
-50 -30 -10 10 30 50 70 90110130
-50 -30 -10 10 30 50 70 90110130
-50 -30 -10 10 30 50 70 90110130
-50 -30 -10 10 30 50 70 90110130
-50 -30 -10 10 30 50 70 90110130
-50 -30 -10 10 30 50 70 90110130
-50 -30 -10 10 30 50 70 90110130
-50 -30 -10 10 30 50 70 90110130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com