Electronic Components Datasheet Search
  English  ▼

X  

MP2661 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2661
Description  4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2661 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2661 Datasheet HTML 5Page - Monolithic Power Systems MP2661 Datasheet HTML 6Page - Monolithic Power Systems MP2661 Datasheet HTML 7Page - Monolithic Power Systems MP2661 Datasheet HTML 8Page - Monolithic Power Systems MP2661 Datasheet HTML 9Page - Monolithic Power Systems MP2661 Datasheet HTML 10Page - Monolithic Power Systems MP2661 Datasheet HTML 11Page - Monolithic Power Systems MP2661 Datasheet HTML 12Page - Monolithic Power Systems MP2661 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
MP2661 – 0.5A, 1-CELL CHARGER W/ I2C CONTROL AND POWER PATH
MP2661 Rev. 1.03
www.MonolithicPower.com
9
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Thermal Protection
Thermal shutdown rising
threshold
(5)
150
°C
Thermal shutdown
hysteresis
(5)
20
°C
NTC output current
INTC
CE = L, NTC = 3V
-100
0
100
nA
NTC cold temp rising
threshold
VCOLD
As a percentage of VDD
63
65
67
%
NTC cold temp rising
threshold hysteresis
30
mV
NTC hot temp falling threshold
VHOT
As a percentage of VDD
31
33
35
%
NTC hot temp falling threshold
hysteresis
70
mV
NTC hot temp falling threshold
for PCB OTP
VHOT_PCB As a percentage of VDD
30
32
34
%
NTC hot temp falling threshold
hysteresis for PCB OTP
85
mV
Logic I/O Pin Characteristics
Low logic voltage threshold
VL
0.4
V
High logic voltage threshold
VH
1.3
V
I
2C Interface(SDA, SCL)
Input high threshold level
VPULL_UP = 1.8V,
SDA and SCL
1.3
V
Input low threshold level
VPULL_UP = 1.8V,
SDA and SCL
0.4
V
Output low threshold level
ISINK = 5mA
0.4
V
I
2C clock frequency
FSCL
400
kHz
Digital Clock and Watchdog Timer
Digital clock2
FDIG2
32
kHz
Watchdog timer
tWDT
Programmable (Reg05h
[5:4] = 11)
160
s
NOTE:
(5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com