Electronic Components Datasheet Search
  English  ▼

X  

MP2661 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2661
Description  4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2661 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2661 Datasheet HTML 1Page - Monolithic Power Systems MP2661 Datasheet HTML 2Page - Monolithic Power Systems MP2661 Datasheet HTML 3Page - Monolithic Power Systems MP2661 Datasheet HTML 4Page - Monolithic Power Systems MP2661 Datasheet HTML 5Page - Monolithic Power Systems MP2661 Datasheet HTML 6Page - Monolithic Power Systems MP2661 Datasheet HTML 7Page - Monolithic Power Systems MP2661 Datasheet HTML 8Page - Monolithic Power Systems MP2661 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
MP2661 – 0.5A, 1-CELL CHARGER W/ I2C CONTROL AND POWER PATH
MP2661 Rev. 1.03
www.MonolithicPower.com
4
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
WCSP-9 (1.55mmx1.55mm)
PIN FUNCTIONS
Package
Pin #
Name
I/O
Description
A1
IN
Power
Input power. Place a ceramic capacitor (≥1μF) from IN to GND as close to the
IC as possible.
A2
SYS
Power
System power supply. Place a ceramic capacitor (≥2.2μF) from SYS to GND as
close to the IC as possible.
A3
BATT
Power
Battery. Place a ceramic capacitor (≥2.2μF) from BATT to GND as close to the
IC as possible.
B1
NTC
I
Temperature sense input. Connect a negative temperature coefficient
thermistor to NTC. Program the hot and cold temperature window with a resistor
divider from VDD to NTC to GND. The charge is suspended when NTC is out of
range.
B2
INT
O
Open drain interrupt output. INT can send the charging status and fault
interruption to the host. INT is also used to disconnect the system from the
battery. Pull INT from high to low for >16s.The battery MOSFET is off and turns
on automatically after >4s, regardless of the INT state. the external pull up
resistor at INT should be not smaller than 100kΩ.
B3
VDD
I
Internal control power supply. Connect a ceramic capacitor(0.1μF)from VDD to
GND. No external load is allowed.
C1
SDA
I/O
I
2C interface data. Connect SDA to the logic rail through a 10kΩ resistor.
C2
SCL
I/O
I
2C interface clock. Connect SCL to the logic rail through a 10kΩ resistor.
C3
GND
Power Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com