Electronic Components Datasheet Search
  English  ▼

X  

MP2661 Datasheet(PDF) 33 Page - Monolithic Power Systems

Part # MP2661
Description  4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2661 Datasheet(HTML) 33 Page - Monolithic Power Systems

Back Button MP2661 Datasheet HTML 27Page - Monolithic Power Systems MP2661 Datasheet HTML 28Page - Monolithic Power Systems MP2661 Datasheet HTML 29Page - Monolithic Power Systems MP2661 Datasheet HTML 30Page - Monolithic Power Systems MP2661 Datasheet HTML 31Page - Monolithic Power Systems MP2661 Datasheet HTML 32Page - Monolithic Power Systems MP2661 Datasheet HTML 33Page - Monolithic Power Systems MP2661 Datasheet HTML 34Page - Monolithic Power Systems MP2661 Datasheet HTML 35Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
MP2661 – 0.5A, 1-CELL CHARGER W/ I2C CONTROL AND POWER PATH
MP2661 Rev. 1.03
www.MonolithicPower.com
33
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting a Resistor for the NTC Sensor
NTC uses a resistor divider from the input
source (VDD) to sense the battery temperature.
The two resistors (RT1and RT2)allow the high
temperature limit and low temperature limit to
be programmed independently. In other words,
the IC can fit most types of NTC resistors and
different
temperature
operation
range
requirements with the two extra resistors.
RT1and RT2depend on the type of the NTC
resistor and can be calculated with Equation (1)
and Equation (2):




COLD
HOT
NTCH
NTCL
T2
HOT
COLD HOT
NTCL
COLD
COLD HOT
NTCH
VV
R
R
R
VV
V
R
V
V
V
R
(1)

COLD
T1
T2
NTCL
COLD
1-V
R(R //R
)
V
(2)
Where RNTCH is the value of the NTC resistor at
a high temperature of the required temperature
operation range, and RNTCL is the value of the
NTC resistor at a low temperature.
Selecting the External Capacitor
Like most low-dropout regulators, the MP2661
requires external capacitors for regulator
stability and voltage spike immunity. The device
is specifically designed for portable applications
requiring minimum board space and small
components.
These
capacitors
must
be
correctly selected for optimal performance.
An input capacitor is required for stability. A
capacitor at least 1µF must be connected
between IN and GND for stable operation over
the entire load current range. There can be
more output capacitance than input as long as
the input is at least 1µF.
The IC is designed specifically to work with a
very small ceramic output capacitor(typically
2.2µF). A ceramic capacitor with X5R or X7R
type dielectrics at least2.2µF is suitable in the
MP2661 application circuit. For the MP2661,
the output capacitor should be connected
between SYS and GND with thick traces and a
small loop area.
A capacitor from BATT to GND is also
necessary for the MP2661, and the typical
capacitance value is 2.2µF. A ceramic capacitor
with X5R or X7R type dielectrics at least 2.2µF
is suitable for the application circuit.
A capacitor between VDD and GND is used to
stabilize the VDD voltage to power the internal
control and logic circuit. The typical value of this
capacitor is 100nF.
PCB Layout Guidelines
Efficient PCB layout is critical for stable
operation. For best results, follow the guidelines
below.
1. Place the external capacitors as close to the
IC as possible to ensure the smallest input
inductance and ground impedance.
2. Place the PCB trace connecting the
capacitor between VDD and GND very
close to the IC.
3. Keep the AGND for the I2C wire clean and
away from PGND.
4. Place the I2C wire in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com