Electronic Components Datasheet Search
  English  ▼

X  

MP2661 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2661
Description  4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2661 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2661 Datasheet HTML 3Page - Monolithic Power Systems MP2661 Datasheet HTML 4Page - Monolithic Power Systems MP2661 Datasheet HTML 5Page - Monolithic Power Systems MP2661 Datasheet HTML 6Page - Monolithic Power Systems MP2661 Datasheet HTML 7Page - Monolithic Power Systems MP2661 Datasheet HTML 8Page - Monolithic Power Systems MP2661 Datasheet HTML 9Page - Monolithic Power Systems MP2661 Datasheet HTML 10Page - Monolithic Power Systems MP2661 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
MP2661 – 0.5A, 1-CELL CHARGER W/ I2C CONTROL AND POWER PATH
MP2661 Rev. 1.03
www.MonolithicPower.com
7
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.0V, VBATT=3.5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
IN to SYS switch on
resistance
RON_SYS VIN=5V, ISYS=100mA
300
400
mΩ
Supply current at input
IIN
VIN=5.5V, CE=L, enable,
ICHG = 0A, ISYS = 0A
600
µA
VIN=5.5V,CE=H, charge disabled
480
Supply current at BATT
input
IBATT
VIN=5V, CE=L, ISYS=0A,
VBATT=4.3V
32
µA
VIN=0V, CE=H, ISYS = 0A,
VBATT=4.35V, disable PCB OTP
function, do not include the
current from external NTC
resistor
11
13
VIN=0V, CE=H, ISYS = 0A,
VBATT=4.35V, enable PCB OTP
function, do not include the
current from external NTC
resistor
20
24
VBATT=4.5V, VIN=VSYS=GND,
FET_DIS=1, disconnect mode
4
5.5
BATT input to SYS switch
on resistance
RON_BATT
VIN< 2V, VBATT=3.5V,
ISYS=100mA
100
150
mΩ
BATT to SYS current limit
IBATT MAX Program Range
400
3200
(5)
mA
BATT to SYS switch
leakage
VBATT=4.5V, VIN=VSYS=GND,
disconnect mode
1
µA
SYS reverse to BATT
switch leakage
VSYS=6V, VIN=4.5V,
VBATT=GND, CE=H
1
µA
Battery discharge function
controlled by INT
(5)
tINT
INT pull-low lasting time to turn
off the battery discharge function
16
s
Battery MOSFET lasts for the off
time duration before auto-on
4
Battery Charger
Battery voltage regulation
range
VBATT_REG Programmable using I
2C
3.600
4.545
V
Battery voltage regulation
(VBATT REG=4.2V)
VBATT
T = +25°C, IBATT = 15mA
4.179
4.20
4.221
V
Battery charge full
voltage(I
2C]
VBATT_REG
VBATT_REG = 4.2V,
Reg04[7:2] = 101000
4.179
4.20
4.221
V
VBATT_REG = 4.35V,
Reg04[7:2] = 110010
4.328
4.35
4.372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com