Electronic Components Datasheet Search
  English  ▼

X  

MP2661 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2661
Description  4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2661 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2661 Datasheet HTML 2Page - Monolithic Power Systems MP2661 Datasheet HTML 3Page - Monolithic Power Systems MP2661 Datasheet HTML 4Page - Monolithic Power Systems MP2661 Datasheet HTML 5Page - Monolithic Power Systems MP2661 Datasheet HTML 6Page - Monolithic Power Systems MP2661 Datasheet HTML 7Page - Monolithic Power Systems MP2661 Datasheet HTML 8Page - Monolithic Power Systems MP2661 Datasheet HTML 9Page - Monolithic Power Systems MP2661 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
MP2661 – 0.5A, 1-CELL CHARGER W/ I2C CONTROL AND POWER PATH
MP2661 Rev. 1.03
www.MonolithicPower.com
6
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5.0V, VBATT=3.5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input Source and Battery Protection
Input voltage range
VIN
13
V
Input operation voltage
VIN
4.35
5
5.5
V
BATT input voltage
(5)
VBATT
4.5
V
Input over-voltage
protection (OVP) threshold
VIN_OVP Input rising threshold
5.85
6
6.15
V
Input OVP hysteresis
350
mV
Input under-voltage
threshold
VUV_IN
Input rising threshold
3.8
3.9
4.0
V
Input under-voltage
threshold hysteresis
170
mV
Input vs. battery threshold
VIN BATT Input rising vs. battery
100
130
160
mV
Input vs. battery threshold
hysteresis
85
mV
BATT under-voltage
threshold
VUV_BATT
BATT voltage falling,
programmable,
Reg01[2:0]=100 –2.8V
2.6
2.8
3.0
V
Battery UVLO Range
Programmable using I
2C
2.4
3.1
V
BATT under-voltage
threshold hysteresis
210
mV
Battery over-voltage
protection
VBATT_OVP
Rising, higher than VBATT REG
130
mV
Falling, higher than VBATT REG
70
Power Path Management
Regulated system output
voltage
VSYS_REG
VIN =5.5V, ISYS=10mA,
ICHG=0A
4.55
4.65
4.75
V
Input current limit
IIN_LMT
Reg00[2:0]=000 –85mA
65
75
85
mA
Reg00[2:0]=001 –130mA
102
116
130
Reg00[2:0]=100 –265mA
230
247
265
Reg00[2:0]=111 –455mA
400
428
455
Input voltage regulation
threshold
VIN_REG
I
2C programmable range
3.88
5.08
V
I
2C setting V
IN REG =4.20V
4.10
4.20
4.30
SYS output voltage
VSYS
Charging mode, VIN=5.5V,
VBATT=3.7V
4.55
4.65
4.75
V
Supplement mode,
VBATT=3.7V,IBATT=100mA
3.6
VIN<VUV IN and VBATT<VUV BATT
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com