Electronic Components Datasheet Search
  English  ▼

X  

MP2661 Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP2661
Description  4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2661 Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP2661 Datasheet HTML 27Page - Monolithic Power Systems MP2661 Datasheet HTML 28Page - Monolithic Power Systems MP2661 Datasheet HTML 29Page - Monolithic Power Systems MP2661 Datasheet HTML 30Page - Monolithic Power Systems MP2661 Datasheet HTML 31Page - Monolithic Power Systems MP2661 Datasheet HTML 32Page - Monolithic Power Systems MP2661 Datasheet HTML 33Page - Monolithic Power Systems MP2661 Datasheet HTML 34Page - Monolithic Power Systems MP2661 Datasheet HTML 35Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
MP2661 – 0.5A, 1-CELL CHARGER W/ I2C CONTROL AND POWER PATH
MP2661 Rev. 1.03
www.MonolithicPower.com
32
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018MPS. All Rights Reserved.
CONTROL FLOW CHART(continued)
Set int_gate from 0 to 1
Int_gate=1
Delay Block 1
reset int_gate from 1 to 0
Int_gate=0
Set int from 1 to 0,
Int=0
Keep pushing PB
Low?
reset int from 0 to 1
Before int<1V, int_dly=0
YES
NO
Int_pulse
generating
block
Int falling
edge
Delay Block 2
Latch Block A
Int_ext=FET_DIS=0, latch output as 0
Int_ext=1,FET_DIS=0, latch output as 1
As long as FET_DIS=1, latch output as 1
NAND
Gate
Enable osc
& 4s timer
‘
1’is
effective
4s timer out?
NO
YES
Int_pulse=1?
YES
NO
Latch Block B
Int_ext=FET_DIS=0, latch output as 1
Int_ext=1,FET_DIS=0, latch output as 0
As long as FET_DIS=1, latch output as 0
NAND
Gate
Reset shipping
mode block
‘
0’is
effective
Push PB (2nd)
Int_ext=0? &
FET_DIS=0?
Int_gate_dly=0 & int_dly=0
YES, INT_EXT=0
Vin power on
Push PB (1st)
Exist shipping mode
Reset 4s timer
Figure 13: MP2661 Exits the Shipping Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com