Electronic Components Datasheet Search
  English  ▼

X  

MP2661 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2661
Description  4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2661 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2661 Datasheet HTML 1Page - Monolithic Power Systems MP2661 Datasheet HTML 2Page - Monolithic Power Systems MP2661 Datasheet HTML 3Page - Monolithic Power Systems MP2661 Datasheet HTML 4Page - Monolithic Power Systems MP2661 Datasheet HTML 5Page - Monolithic Power Systems MP2661 Datasheet HTML 6Page - Monolithic Power Systems MP2661 Datasheet HTML 7Page - Monolithic Power Systems MP2661 Datasheet HTML 8Page - Monolithic Power Systems MP2661 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
MP2661
4.65V System, 500mA,I2C-Controlled Battery
Charger with Power Path Management
for Single-Cell Li-Ion Battery
MP2661 Rev. 1.03
www.MonolithicPower.com
1
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2661 is a highly integrated, single-cell,
Li-Ion/Li-Polymer battery charger with system
power path management for space-limited,
portable applications. The MP2661 uses input
power from either an AC adapter or a USB port
to supply the system load and charge the
battery independently. The charger features
trickle charge, constant current (CC) and
constant
voltage
(CV)
regulation,
charge
termination, and charge status.
The power path management function ensures
continuous
power
to
the
system
by
automatically selecting the input, the battery, or
both to power the system. This power stage
features a low dropout regulator from the input
to the system and a 100mΩ switch from the
battery to the system. Power path management
separates the charging current from the system
load, which allows for proper charge termination
and keeps the battery in full-charge mode.
The MP2661 provides system short-circuit
protection (SCP) by limiting the current from the
input to the system and the battery to the
system. This feature is especially critical to
prevent the Li-Ion battery from being damaged
by excessively high currents. An on-chip battery
under-voltage lockout (UVLO)cuts off the path
between the battery and the system if the
battery voltage drops below the programmable
battery UVLO threshold, which prevents the Li-
Ion battery from being over-discharged. An
integrated I2C control interface allows the
MP2661 to program the charging parameters,
such as input current limit, input voltage
regulation
limit,
charging
current,
battery
regulation voltage, safety timer, and battery
UVLO.
The
MP2661
is
available
in
a
9-pin
1.55mmx1.55mm WCSP package.
FEATURES
 Fully Autonomous Charger for Single-Cell
Li-Ion/Li-Polymer Batteries
 Complete Power Path Management for
Simultaneously Powering the System and
Charging the Battery
 ±0.5% Charging Voltage Accuracy
 12V Maximum Voltage for the Input Source
 I2C Interface for Setting Charging
Parameters and Status Reporting
 Fully Integrated Power Switches and No
External Blocking Diode Required
 Built-In Robust Charging Protection
Including Battery Temperature Monitoring
and Programmable Timer
 PCB Over-Temperature Protection (OTP)
 System Reset Function
 Built-In Battery Disconnection Function
 Thermal Limiting Regulation On-Chip
 Available in a WCSP-9 (1.55mmx1.55mm)
Package
APPLICATIONS
 Wearable Devices
 Smart Handheld Devices
 Fitness Accessories
 Smart Watches
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP2661

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2660 MPS-MP2660 Datasheet
1Mb / 34P
5V USB, 500mA, I2C-Controlled Linear Charger with Power Path Management for Single-Cell Li-Ion Battery
MP2667GG MPS-MP2667GG Datasheet
1Mb / 35P
5V USB, 1000mA, I 2C-Controlled Linear Charger with Power Path Management for Single-Cell, Li-Ion Battery in QFN Package
Rev. 1.0
More results

Similar Description - MP2661

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8075 EUTECH-EUP8075 Datasheet
110Kb / 1P
. USB-Compliant Li-Ion Battery Charger Integrated with System Power-Path Management
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Monolithic Power System...
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625 MPS-MP2625 Datasheet
1Mb / 28P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625B MPS-MP2625B Datasheet
1Mb / 31P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2660 MPS-MP2660 Datasheet
1Mb / 34P
5V USB, 500mA, I2C-Controlled Linear Charger with Power Path Management for Single-Cell Li-Ion Battery
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
EVKT-MP2662 MPS-EVKT-MP2662 Datasheet
525Kb / 2P
MP2662 Evaluation Kit 500mA, I2C Controlled Battery Charger with Power-Path Management, 1mA Termination and <1關A Battery Leakage for Single-Cell Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com