Electronic Components Datasheet Search
  English  ▼

X  

LMX2572LP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572LP
Description  2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572LP Datasheet(HTML) 3 Page - Texas Instruments

  LMX2572LP Datasheet HTML 1Page - Texas Instruments LMX2572LP Datasheet HTML 2Page - Texas Instruments LMX2572LP Datasheet HTML 3Page - Texas Instruments LMX2572LP Datasheet HTML 4Page - Texas Instruments LMX2572LP Datasheet HTML 5Page - Texas Instruments LMX2572LP Datasheet HTML 6Page - Texas Instruments LMX2572LP Datasheet HTML 7Page - Texas Instruments LMX2572LP Datasheet HTML 8Page - Texas Instruments LMX2572LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
1
CE
30
RampClk
2
GND
29
VrefVCO2
3
VbiasVCO
28
SysRefReq
4
GND
27
VbiasVCO2
5
SYNC
26
VccVCO2
6
GND
25
GND
7
VccDIG
24
CSB
8
OSCinP
23
RFoutAP
9
OSCinM
22
RFoutAM
10
VregIN
21
VccBUF
Not to scale
DAP
3
LMX2572LP
www.ti.com
SNAS764 – MAY 2018
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
RHA Package
40-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CE
1
Input
Chip enable. High impedance CMOS input. 1.8-V to 3.3-V logic. Active HIGH powers on the
device.
CPout
12
Output
Charge pump output. Place C1 of loop filter close to this pin.
CSB
24
Input
SPI latch. High impedance CMOS input. 1.8-V to 3.3-V logic.
DAP
—
Ground
RF ground.
GND
2, 4, 25, 31,
34, 39
Ground
VCO ground.
6, 14, 40
Ground
Digital ground.
13
Ground
Charge pump ground.
MUXout
20
Output
Multiplexed output pin. Configurable between lock detect and register readback.
OSCinM
9
Input
Reference input clock (–). High impedance self-biasing pin. Requires AC-coupling.
OSCinP
8
Input
Reference input clock (+). High impedance self-biasing pin. Requires AC-coupling.
RampClk
30
Input
Ramp trigger in automatic ramping mode or ramp clock in manual ramping mode. Can also
be used as FSK I2S clock input. High impedance CMOS input. 1.8-V to 3.3-V logic.
RampDir
32
Input
Ramp trigger in automatic ramping mode or ramp segment selection in manual ramping
mode. Can also be used as FSK I2S data input. High impedance CMOS input. 1.8-V to 3.3-V
logic.
RFoutAM
22
Output
Differential output A (–). Low impedance output. Requires AC-coupling.
RFoutAP
23
Output
Differential output A (+). Low impedance output. Requires AC-coupling.
RFoutBM
18
Output
Differential output B (–). Low impedance output. Requires AC-coupling.
RFoutBP
19
Output
Differential output B (+). Low impedance output. Requires AC-coupling.
SCK
16
Input
SPI clock. High impedance CMOS input. 1.8-V to 3.3-V logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com