Electronic Components Datasheet Search
  English  ▼

X  

LMX2572LP Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572LP
Description  2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572LP Datasheet(HTML) 46 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 42Page - Texas Instruments LMX2572LP Datasheet HTML 43Page - Texas Instruments LMX2572LP Datasheet HTML 44Page - Texas Instruments LMX2572LP Datasheet HTML 45Page - Texas Instruments LMX2572LP Datasheet HTML 46Page - Texas Instruments LMX2572LP Datasheet HTML 47Page - Texas Instruments LMX2572LP Datasheet HTML 48Page - Texas Instruments LMX2572LP Datasheet HTML 49Page - Texas Instruments LMX2572LP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
46
LMX2572LP
SNAS764 – MAY 2018
www.ti.com
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.80 Register R79 (offset = 4Fh) [reset = 0000h]
Figure 107. Register R79
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RAMP_THRESH[31:16]
R/W-0h
Table 86. Register R79 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
RAMP_THRESH[31:16]
R/W
0h
Upper 16 bits of RAMP_THRESH. See Table 85 for description.
7.6.81 Register R80 (offset = 50h) [reset = 0000h]
Figure 108. Register R80
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RAMP_THRESH[15:0]
R/W-0h
Table 87. Register R80 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
RAMP_THRESH[15:0]
R/W
0h
Lower 16 bits of RAMP_THRESH. See Table 85 for description.
7.6.82 Register R81 (offset = 51h) [reset = 0000h]
Figure 109. Register R81
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
RAMP_L
IMIT_HI
GH[32]
R/W-0h
R/W-0h
Table 88. Register R81 Field Descriptions
Bit
Field
Type Reset
Description
15 - 1
R/W
0h
Program 0h to this field.
0
RAMP_LIMIT_HIGH[32]
R/W
0h
The 33rd bit of RAMP_LIMIT_HIGH.
RAMP_LIMIT_HIGH sets a maximum frequency that the ramp cannot exceed so that
the VCO does not get set beyond a valid frequency range.
Suppose fHIGH is this frequency and fVCO is the starting VCO frequency, then:
fHIGH ≥ fVCO;
RAMP_LIMIT_HIGH = 224 × (fHIGH – fVCO) / fPD
7.6.83 Register R82 (offset = 52h) [reset = 0000h]
Figure 110. Register R82
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RAMP_LIMIT_HIGH[31:16]
R/W-0h
Table 89. Register R82 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
RAMP_LIMIT_HIGH
[31:16]
R/W
0h
Upper 16 bits of RAMP_LIMIT_HIGH. See Table 88 for description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com