Electronic Components Datasheet Search
  English  ▼

X  

LMX2572LP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572LP
Description  2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572LP Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 2Page - Texas Instruments LMX2572LP Datasheet HTML 3Page - Texas Instruments LMX2572LP Datasheet HTML 4Page - Texas Instruments LMX2572LP Datasheet HTML 5Page - Texas Instruments LMX2572LP Datasheet HTML 6Page - Texas Instruments LMX2572LP Datasheet HTML 7Page - Texas Instruments LMX2572LP Datasheet HTML 8Page - Texas Instruments LMX2572LP Datasheet HTML 9Page - Texas Instruments LMX2572LP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
6
LMX2572LP
SNAS764 – MAY 2018
www.ti.com
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
3.0 V
≤ VCC ≤ 3.5 V, –40°C ≤ TA ≤ 85°C. Typical values are at VCC = 3.3 V, 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(8)
See VCO Calibration for details.
(9)
Not tested in production. Ensured by characterization. Allowable temperature drift refers to programming the device at an initial
temperature and allowing this temperature to drift WITHOUT reprogramming the device, and still have the device stay at lock. This
change could be up or down in temperature and the specification does not apply to temperatures that go outside the recommended
operating temperatures of the device.
PNVCO
Open loop VCO phase noise
fOUT = 425 MHz
(fVCO = 3.4 GHz)
10 kHz
–106
dBc/Hz
100 kHz
–129
1 MHz
–149
10 MHz
–153.5
fOUT = 487.5 MHz
(fVCO = 3.9 GHz)
10 kHz
–105.5
100 kHz
–129
1 MHz
–149.5
10 MHz
–152.5
fOUT = 550 MHz
(fVCO = 4.4 GHz)
10 kHz
–104.5
100 kHz
–129
1 MHz
–149
10 MHz
–153
fOUT = 612.5 MHz
(fVCO = 4.9 GHz)
10 kHz
–103
100 kHz
–128
1 MHz
–148.5
10 MHz
–154
fOUT = 675 MHz
(fVCO = 5.4 GHz)
10 kHz
–102.5
100 kHz
–127
1 MHz
–147.5
10 MHz
–154
fOUT = 737.5 MHz
(fVCO = 5.9 GHz)
10 kHz
–102
100 kHz
–126.5
1 MHz
–147
10 MHz
–153
KVCO
VCO gain
fVCO = 3.4 GHz
39
MHz/V
fVCO = 3.9 GHz
44
fVCO = 4.4 GHz
55
fVCO = 4.9 GHz
60
fVCO = 5.4 GHz
69
fVCO = 5.9 GHz
62
tVCOcal
VCO calibration-time(8)
fOSCin = fPD = 100 MHz; Switch
between 3.2 GHz and 6.4 GHz
VCO frequency
No assist
130
µs
Partial assist
50
Full assist
5
|ΔTCL|
Allowable temperature drift(9)
VCO not being re-calibrated, –40°C
≤ TA ≤ 85°C
125
°C
RF OUTPUT
fOUT
RF output frequency
12.5
2000
MHz
POUT
Single-ended output power
fOUT = 2 GHz
OUTx_PWR
= 15
5
dBm
H2OUT
Second harmonic
fOUT = 800 MHz
−33.5
dBc
fOUT = 400 MHz
−43
H3OUT
Third harmonic
fOUT = 800 MHz
–10.5
fOUT = 400 GHz
−10
|tskewCH|
Channel to channel skew
fOUT = 2 GHz
14
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com