Electronic Components Datasheet Search
  English  ▼

X  

LMX2572LP Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572LP
Description  2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572LP Datasheet(HTML) 52 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 48Page - Texas Instruments LMX2572LP Datasheet HTML 49Page - Texas Instruments LMX2572LP Datasheet HTML 50Page - Texas Instruments LMX2572LP Datasheet HTML 51Page - Texas Instruments LMX2572LP Datasheet HTML 52Page - Texas Instruments LMX2572LP Datasheet HTML 53Page - Texas Instruments LMX2572LP Datasheet HTML 54Page - Texas Instruments LMX2572LP Datasheet HTML 55Page - Texas Instruments LMX2572LP Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
52
LMX2572LP
SNAS764 – MAY 2018
www.ti.com
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 108. Register R101 Field Descriptions (continued)
Bit
Field
Type Reset
Description
3 - 2
R/W
0h
Program 0h to this field.
1 - 0
RAMP0_NEXT_TRIG
R/W
0h
Defines what triggers the next ramp.
0: RAMP0_LEN timeout counter
1: Trigger A
2: Trigger B
3: Not used
7.6.103 Register R102 (offset = 66h) [reset = 0000h]
Figure 130. Register R102
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
RAMP1_INC[29:16]
R/W-0h
R/W-0h
Table 109. Register R102 Field Descriptions
Bit
Field
Type Reset
Description
15 - 14
R/W
0h
Program 0h to this field.
13 - 0
RAMP1_INC[29:16]
R/W
0h
Upper 14 bits of RAMP1_INC.
RAMP1_INC sets the 2's compliment of the number added to the fractional numerator
on every ramp cycle.
7.6.104 Register R103 (offset = 67h) [reset = 0000h]
Figure 131. Register R103
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RAMP1_INC[15:0]
R/W-0h
Table 110. Register R103 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
RAMP1_INC[15:0]
R/W
0h
Lower 16 bits of RAMP1_INC. See Table 109 for description.
7.6.105 Register R104 (offset = 68h) [reset = 0000h]
Figure 132. Register R104
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RAMP1_LEN
R/W-0h
Table 111. Register R104 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
RAMP1_LEN
R/W
0h
Length of the ramp in phase detector cycles.
7.6.106 Register R105 (offset = 69h) [reset = 4440h]
Figure 133. Register R105
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RAMP_DLY_CNT
RAMP_
MANUAL
RAMP1_
NEXT
0
0
RAMP1_NEXT_TRI
G
R/W-111h
R/W-0h
R/W-0h
R/W-0h
R/W-0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com