Electronic Components Datasheet Search
  English  ▼

X  

LMX2572LP Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572LP
Description  2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572LP Datasheet(HTML) 64 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 60Page - Texas Instruments LMX2572LP Datasheet HTML 61Page - Texas Instruments LMX2572LP Datasheet HTML 62Page - Texas Instruments LMX2572LP Datasheet HTML 63Page - Texas Instruments LMX2572LP Datasheet HTML 64Page - Texas Instruments LMX2572LP Datasheet HTML 65Page - Texas Instruments LMX2572LP Datasheet HTML 66Page - Texas Instruments LMX2572LP Datasheet HTML 67Page - Texas Instruments LMX2572LP Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
RAMPx_INC
64
LMX2572LP
SNAS764 – MAY 2018
www.ti.com
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 137. Manual Ramping Mode Programming (continued)
REGISTER FIELD
VALUE
DESCRIPTION
RAMP_TRIGA
RAMP_TRIGB
1 = RampClk rising
edge trigger
In manual ramping mode, the ramp is triggered by the rising edges applied to the RampClk
pin.
Either RAMP_TRIGA or RAMP_TRIGB can be selected as the trigger source for the next
ramp.
RAMP0_NEXT_TRIG
RAMP1_NEXT_TRIG
Equal to the selected
RAMP_TRIGx
These fields define what triggers the next ramp. They must be set to the same trigger
source selected above.
Figure 161. Manual Ramp Waveform
8.1.7.2 Automatic Ramping Mode
Automatic ramping mode is enabled when RAMP_EN = 1 with RAMP_MANUAL = 0. In this mode, there are two
ramps profiles that one can use to set the length and frequency change. In addition to this, there are ramp limits
that can be used to create more complicated waveforms. The output frequency will ramp once on each phase
detector cycle.
Automatic ramping can really be divided into two classes depending on whether the VCO must calibrate in the
middle of the ramping or not. If the VCO can go the entire range without calibrating, this is calibration-free
ramping. Note that this range is less at hot temperatures and less for lower frequency VCOs. This range is not
ensured, so margin must be built into the design.
For ramping that are not calibration free, the ramp waveform is more like a staircase ramp.
Table 138. Automatic Ramping Mode Programming
REGISTER FIELD
VALUE
DESCRIPTION
RAMP_EN
1 = Enable ramp
Set this bit to 1 to enable frequency ramping.
RAMP_MANUAL
0 = Automatic
ramping mode
To select automatic ramping mode, set this bit to 0.
RAMP_LIMIT_HIGH
Greater than the
highest VCO ramp
frequency
This sets the upper ramp limit that the ramp cannot go above. Suppose fHigh is this
frequency and fStart is the starting VCO ramp frequency, then, for fHigh > fStart,
RAMP_LIMIT_HIGH = 224 × (fHigh – fStart) / fPD
RAMP_LIMIT_LOW
Smaller than the
lowest VCO ramp
frequency
This sets the lower ramp limit that the ramp cannot go below. Suppose fLow is this frequency
and fStart is the lowest VCO ramp frequency, then, for fStart > fLow,
RAMP_LIMIT_LOW = 233 – 224 × (fStart – fLow) / fPD
RAMP0_INC
RAMP1_INC
Equal to the ramp
size
Suppose the ramp size is Δf, then
RAMPx_INC = (Δf / fPD) × 2
24 or = 230 – (Δf / f
PD) x 2
24 if Δf is a negative number.
RAMP_THRESH
Suggest less than 50
MHz
If the amount of frequency ramp exceed this threshold, a VCO calibration will be initiated.
For example, if the ramp size is 15 MHz while this threshold is 20 MHz, then VCO
calibration will be executed every two ramps. Suppose the threshold frequency is fTH, then
RAMP_THRESH = (fTH / fPD) × 2
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com