Electronic Components Datasheet Search
  English  ▼

X  

LMX2572LP Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572LP
Description  2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572LP Datasheet(HTML) 32 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 28Page - Texas Instruments LMX2572LP Datasheet HTML 29Page - Texas Instruments LMX2572LP Datasheet HTML 30Page - Texas Instruments LMX2572LP Datasheet HTML 31Page - Texas Instruments LMX2572LP Datasheet HTML 32Page - Texas Instruments LMX2572LP Datasheet HTML 33Page - Texas Instruments LMX2572LP Datasheet HTML 34Page - Texas Instruments LMX2572LP Datasheet HTML 35Page - Texas Instruments LMX2572LP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
32
LMX2572LP
SNAS764 – MAY 2018
www.ti.com
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 31. Register R24 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
R/W
71Ah
Program 71Ah to this field.
After programming R0 with RESET = 1, no need to program this register.
7.6.26 Register R25 (offset = 19h) [reset = 0624h]
Figure 53. Register R25
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
1
1
0
0
0
1
0
0
1
0
0
R/W-624h
Table 32. Register R25 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
R/W
624h
Program 624h to this field.
After programming R0 with RESET = 1, no need to program this register.
7.6.27 Register R26 (offset = 1Ah) [reset = 0808h]
Figure 54. Register R26
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
1
0
0
0
0
0
0
0
1
0
0
0
R/W-808h
Table 33. Register R26 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
R/W
808h
Program 808h to this field.
After programming R0 with RESET = 1, no need to program this register.
7.6.28 Register R27 (offset = 1Bh) [reset = 0002h]
Figure 55. Register R27
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
R/W-2h
Table 34. Register R27 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
R/W
2h
Program 2h to this field.
After programming R0 with RESET = 1, no need to program this register.
7.6.29 Register R28 (offset = 1Ch) [reset = 0488h]
Figure 56. Register R28
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
1
0
0
1
0
0
0
1
0
0
0
R/W-488h
Table 35. Register R28 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
R/W
488h
Program 488h to this field.
After programming R0 with RESET = 1, no need to program this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com