Electronic Components Datasheet Search
  English  ▼

X  

LMX2572LP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572LP
Description  2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572LP Datasheet(HTML) 4 Page - Texas Instruments

  LMX2572LP Datasheet HTML 1Page - Texas Instruments LMX2572LP Datasheet HTML 2Page - Texas Instruments LMX2572LP Datasheet HTML 3Page - Texas Instruments LMX2572LP Datasheet HTML 4Page - Texas Instruments LMX2572LP Datasheet HTML 5Page - Texas Instruments LMX2572LP Datasheet HTML 6Page - Texas Instruments LMX2572LP Datasheet HTML 7Page - Texas Instruments LMX2572LP Datasheet HTML 8Page - Texas Instruments LMX2572LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
4
LMX2572LP
SNAS764 – MAY 2018
www.ti.com
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
SDI
17
Input
SPI data. High impedance CMOS input. 1.8-V to 3.3-V logic.
SYNC
5
Input
Phase synchronization trigger. Configurable to accept CMOS input (1.8-V to 3.3-V logic) or
differential input.
SysRefReq
28
Input
FSK I2S Frame Sync input. High impedance CMOS input. 1.8-V to 3.3-V logic.
VbiasVARAC
33
Bypass
VCO Varactor bias. Connect a 10-µF decoupling capacitor to VCO ground.
VbiasVCO
3
Bypass
VCO bias. Connect a 470-nF (X7R) decoupling capacitor to VCO ground as close to this pin
as possible.
VbiasVCO2
27
Bypass
VCO bias. Connect a 100-nF (X7R) decoupling capacitor to VCO ground.
VccBUF
21
Supply
Supply for output buffers. Connect a 0.1-µF decoupling capacitor to RF ground.
VccCP
11
Supply
Supply for charge pump. Connect a 0.1-µF decoupling capacitor to charge pump ground.
VccDIG
7
Supply
Digital power supply. Connect a 0.1-µF decoupling capacitor to digital ground.
VccMASH
15
Supply
Digital power supply. Connect a 1-µF decoupling capacitor to digital ground.
VccVCO
37
Supply
Supply for VCO. Connect a 1-µF decoupling capacitor to VCO ground.
VccVCO2
26
Supply
Supply for VCO. Connect a 1-µF decoupling capacitor to VCO ground.
VrefVCO
36
Bypass
VCO supply reference. Connect a 10-µF decoupling capacitor to VCO ground.
VrefVCO2
29
Bypass
VCO supply reference. Connect a 10-µF decoupling capacitor to VCO ground.
VregIN
10
Bypass
Input reference path regulator output. Connect a 1-µF decoupling capacitor to RF ground as
close to this pin as possible.
VregVCO
38
Bypass
VCO regulator node. Connect a 10-nF decoupling capacitor to VCO ground.
Vtune
35
Input
VCO tuning voltage input. Connect a 1.5-nF or more capacitor to VCO ground. See External
Loop Filter for details.
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Power supply voltage
–0.3
3.6
V
VIN
IO input voltage
VCC + 0.3
V
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Ambient temperature
–40
85
°C
TJ
Junction temperature
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com