Electronic Components Datasheet Search
  English  ▼

X  

LMX2572LP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572LP
Description  2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572LP Datasheet(HTML) 5 Page - Texas Instruments

  LMX2572LP Datasheet HTML 1Page - Texas Instruments LMX2572LP Datasheet HTML 2Page - Texas Instruments LMX2572LP Datasheet HTML 3Page - Texas Instruments LMX2572LP Datasheet HTML 4Page - Texas Instruments LMX2572LP Datasheet HTML 5Page - Texas Instruments LMX2572LP Datasheet HTML 6Page - Texas Instruments LMX2572LP Datasheet HTML 7Page - Texas Instruments LMX2572LP Datasheet HTML 8Page - Texas Instruments LMX2572LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
5
LMX2572LP
www.ti.com
SNAS764 – MAY 2018
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LMX2572LP
UNIT
RHA (VQFN)
40 PINS
RθJA
Junction-to-ambient thermal resistance
25.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
14.4
°C/W
RθJB
Junction-to-board thermal resistance
8
°C/W
ΨJT
Junction-to-top characterization parameter
0.2
°C/W
ΨJB
Junction-to-board characterization parameter
7.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.2
°C/W
(1)
ICP = 2.5 mA; fVCO = 3.2 GHz; fOUT = 400 MHz; POUT = −3 dBm; OSC_2X = 1; MULT = 1; one RF output.
(2)
ICP = 2.5 mA; fVCO = 3.2 GHz; fOUT = 400 MHz; POUT = −3 dBm; OSC_2X = 0; MULT = 1; one RF output.
(3)
See OSCin Configuration for definition of OSCin input voltage.
(4)
For lower VCO frequencies, the N-divider minimum value can limit the phase detector frequency.
(5)
Measured with a clean OSCin signal with a high slew rate using a wide loop bandwidth. The noise metrics model the PLL noise for an
infinite loop bandwidth as: PLL_Total = 10*log[10(PLL_Flat/10)+10(PLL_Flicker/10)]; PLL_Flat = PN1 Hz + 20*log(N) + 10*log(fPD); PLL_Flicker
= PN10 kHz - 10*log(Offset/10 kHz) + 20*log(fOUT/1 GHz)
(6)
fOSCin = 200 MHz; fPD = 100 MHz; fVCO = 6 GHz
(7)
fOSCin = 200 MHz; fPD = 100 MHz; fVCO = 6.001 GHz; Fractional denominator = 1000.
6.5 Electrical Characteristics
3.0 V
≤ VCC ≤ 3.5 V, –40°C ≤ TA ≤ 85°C. Typical values are at VCC = 3.3 V, 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VCC
Supply voltage
3
3.3
3.5
V
ICC
Supply current
fOSCin = 20 MHz; fPD = 40 MHz
(1)
70
mA
fOSCin = 100 MHz; fPD = 100 MHz
(2)
74.5
ICCPD
Power down current
2.5
INPUT SIGNAL PATH
fOSCin
OSCin input frequency
OSC_2X = 0 (Doubler bypassed)
5
250
MHz
OSC_2X = 1 (Doubler enabled)
5
125
VOSCin
OSCin input voltage(3)
Single-ended input buffer
0.3
3.6
V
Differential input buffer
0.15
1
fMULTin
Multiplier input frequency
MULT
≥ 3
10
40
MHz
fMULTout
Multiplier output frequency
60
150
PLL
fPD
Phase detector frequency(4)
Integer channel
0.25
250
MHz
1st and 2nd order modulator
5
200
3rd order modulator
5
160
4th order modulator
5
120
ICPout
Charge pump current
CPG = 1
625
µA
CPG = 2
1250
CPG = 3
1875
···
…
CPG = 15
6875
PNPLL_1/f
Normalized PLL 1/f noise(5)
–123.5
dBc/Hz
PNPLL_Flat
Normalized PLL noise floor(5)
Integer channel(6)
–232
Fractional channel(7)
–232
VCO
fVCO
VCO frequency
3200
6400
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com