Electronic Components Datasheet Search
  English  ▼

X  

LMX2572LP Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572LP
Description  2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572LP Datasheet(HTML) 40 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 36Page - Texas Instruments LMX2572LP Datasheet HTML 37Page - Texas Instruments LMX2572LP Datasheet HTML 38Page - Texas Instruments LMX2572LP Datasheet HTML 39Page - Texas Instruments LMX2572LP Datasheet HTML 40Page - Texas Instruments LMX2572LP Datasheet HTML 41Page - Texas Instruments LMX2572LP Datasheet HTML 42Page - Texas Instruments LMX2572LP Datasheet HTML 43Page - Texas Instruments LMX2572LP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
40
LMX2572LP
SNAS764 – MAY 2018
www.ti.com
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 64. Register R57 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
R/W
0h
Program 20h to this field.
7.6.59 Register R58 (offset = 3Ah) [reset = 8001h]
Figure 86. Register R58
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
INPIN_I
GNORE
INPIN_H
YST
INPIN_LVL
INPIN_FMT
0
0
0
0
0
0
0
0
1
R/W-1h
R/W-0h
R/W-0h
R/W-0h
R/W-1h
Table 65. Register R58 Field Descriptions
Bit
Field
Type Reset
Description
15
INPIN_IGNORE
R/W
1h
Ignore SYNC and SysRefReq pins when VCO_PHASE_SYNC = 0. This bit should be
set to 1 unless VCO_PHASE_SYNC = 1.
14
INPIN_HYST
R/W
0h
Enables high hysteresis for LVDS input to SysRefReq and SYNC pin.
0: Disabled
1: Enabled
13 - 12
INPIN_LVL
R/W
0h
Sets bias level for LVDS input to SysRefReq and SYNC pin.
0: Vin / 4
1: Vin
2: Vin / 2
3: Invalid
11 - 9
INPIN_FMT
R/W
0h
Defines the input format of SysRefReq and SYNC pin.
0: SYNC = SysRefReq = CMOS
1: SYNC = LVDS; SysRefReq = CMOS
2: SYNC = CMOS; SysRefReq = LVDS
3: SYNC = SysRefReq = LVDS
4: SYNC = SysRefReq = CMOS
5: SYNC = LVDS (filtered); SysRefReq = CMOS
6: SYNC = CMOS; SysRefReq = LVDS (filtered)
7: SYNC = SysRefReq = LVDS (filtered)
8 - 0
R/W
1h
Program 1h to this field.
7.6.60 Register R59 (offset = 3Bh) [reset = 0001h]
Figure 87. Register R59
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
LD_TYP
E
R/W-0h
R/W-1h
Table 66. Register R59 Field Descriptions
Bit
Field
Type Reset
Description
15 - 1
R/W
0h
Program 0h to this field.
0
LD_TYPE
R/W
1h
Defines lock detect type.
0: VCOCal. Lock detect asserts a HIGH output after the VCO has finished calibration
and the LD_DLY timeout counter is finished.
1: Vtune and VCOCal. Lock detect asserts a HIGH output when VCOCal lock detect
would assert a HIGH signal and the tuning voltage to the VCO is within acceptable
limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com