Electronic Components Datasheet Search
  English  ▼

X  

ZL2004 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ZL2004
Description  Adaptive Digital DC-DC Controller with Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2004 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ZL2004 Datasheet HTML 1Page - Renesas Technology Corp ZL2004 Datasheet HTML 2Page - Renesas Technology Corp ZL2004 Datasheet HTML 3Page - Renesas Technology Corp ZL2004 Datasheet HTML 4Page - Renesas Technology Corp ZL2004 Datasheet HTML 5Page - Renesas Technology Corp ZL2004 Datasheet HTML 6Page - Renesas Technology Corp ZL2004 Datasheet HTML 7Page - Renesas Technology Corp ZL2004 Datasheet HTML 8Page - Renesas Technology Corp ZL2004 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
ZL2004
FN6846 Rev. 3.00
Page 3 of 42
February 15, 2011
1. Electrical Characteristics
Table 1. Absolute Maximum Ratings
Operating beyond these limits may cause permanent damage to the device. Functional operation beyond the
Recommended Operating Conditions is not implied. Voltage measured with respect to SGND.
Parameter
Pin(s)
Value
Unit
DC supply voltage
VDD
-0.3 to 17
V
Logic I/O voltage
CFG, DDC, EN, FC, ILIM, MGN, PG,
SA(0,1), SALRT, SCL, SDA, SS,
SYNC, VMON, V(0,1)
-0.3 to 6.5
V
Analog input voltages
VSEN+, VSEN-, VTRK, XTEMP
-0.3 to 6.5
V
ISENA, ISENB
-1.5 to 6.5
V
MOSFET drive reference
VR
-0.3 to 6.5
V
Logic reference
V25
-0.3 to 3
V
Ground voltage differential
(VDGND-VSGND)
DGND, SGND
-0.3 to +0.3
V
Junction temperature
–
-55 to 150
oC
Storage temperature range
–
-55 to 150
oC
Lead temperature
(soldering, 10 s)
All
300
oC
Table 2. Recommended Operating Conditions and Thermal Information
Parameter
Symbol
Min
Typ
Max
Unit
Input Supply Voltage Range
VDD
4.5
–
14
V
Output Voltage Range (Inductor sensing)1
VOUT
0.54
4.0
V
Operating Junction Temperature Range
TJ
-40
–
125
°C
Junction to Ambient Thermal Impedance2
ΘJA
–
35
–
°C/W
Junction to Case Thermal Impedance3
ΘJC
–
5
–
°C/W
Notes:
1. Includes margin limits.
2. ΘJA is measured in free air with the device mounted on a multi-layer FR4 test board and the exposed metal pad soldered to a low impedance
ground plane using multiple vias.
3. For ΘJC, the “case” temperature is measured at the center of the exposed metal pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com