Electronic Components Datasheet Search
  English  ▼

X  

ZL2004 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ZL2004
Description  Adaptive Digital DC-DC Controller with Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2004 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ZL2004 Datasheet HTML 20Page - Renesas Technology Corp ZL2004 Datasheet HTML 21Page - Renesas Technology Corp ZL2004 Datasheet HTML 22Page - Renesas Technology Corp ZL2004 Datasheet HTML 23Page - Renesas Technology Corp ZL2004 Datasheet HTML 24Page - Renesas Technology Corp ZL2004 Datasheet HTML 25Page - Renesas Technology Corp ZL2004 Datasheet HTML 26Page - Renesas Technology Corp ZL2004 Datasheet HTML 27Page - Renesas Technology Corp ZL2004 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
ZL2004
FN6846 Rev. 3.00
Page 24 of 42
February 15, 2011
Table 18. Resistor Configured Current Sensing Value
RILIM
Current Sensing Method
Current Limit Threshold Setting VLIM
Maximum Current
Sensing Range
10 kΩ
Output-referenced, down-slope
sensing
(Inductor DCR sensing)
Blanking time: 224 ns
Number of violation allowed1: 5
0 mV
25 mV
11 kΩ
5 mV
12.1 kΩ
10 mV
13.3 kΩ
15 mV
14.7 kΩ
20 mV
16.2 kΩ
25 mV
17.8 kΩ
Output-referenced, down-slope
sensing
(Inductor DCR sensing)
Blanking time: 224 ns
Number of violation allowed1: 5
0 mV
35 mV
19.6 kΩ
5 mV
21.5 kΩ
10 mV
23.7 kΩ
15 mV
26.1 kΩ
20 mV
28.7 kΩ
25 mV
31.6 kΩ
30 mV
34.8 kΩ
35 mV
38.3 kΩ
Output-referenced, down-slope
sensing
(Inductor DCR sensing)
Blanking time: 224 ns
Number of violation allowed1: 5
0 mV
50 mV
42.2 kΩ
5 mV
46.4 kΩ
10 mV
51.1 kΩ
15 mV
56.2 kΩ
20 mV
61.9 kΩ
25 mV
68.1 kΩ
30 mV
75 kΩ
35 mV
82.5 kΩ
40 mV
90.9 kΩ
45 mV
100 kΩ
50 mV
Notes:
1. The number of violations allowed prior to issuing a fault response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com