Electronic Components Datasheet Search
  English  ▼

X  

ZL2004 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZL2004
Description  Adaptive Digital DC-DC Controller with Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2004 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZL2004 Datasheet HTML 19Page - Renesas Technology Corp ZL2004 Datasheet HTML 20Page - Renesas Technology Corp ZL2004 Datasheet HTML 21Page - Renesas Technology Corp ZL2004 Datasheet HTML 22Page - Renesas Technology Corp ZL2004 Datasheet HTML 23Page - Renesas Technology Corp ZL2004 Datasheet HTML 24Page - Renesas Technology Corp ZL2004 Datasheet HTML 25Page - Renesas Technology Corp ZL2004 Datasheet HTML 26Page - Renesas Technology Corp ZL2004 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
ZL2004
FN6846 Rev. 3.00
Page 23 of 42
February 15, 2011
In addition to selecting the current sensing method, the
ZL2004 gives the power supply designer several
choices for the fault response during over or under
current condition. The user can select the number of
violations allowed before declaring fault, a blanking
time and the action taken when a fault is detected.
The blanking time represents the time when no current
measurement is taken. This is to avoid taking a reading
just after a current load step (less accurate due to
potential ringing). It is a configurable parameter.
ZL2004 provides an adjustable maximum full scale
sensing range. The range can be adjusted from 25 mV
to 50 mV using pin-strap or resistor setting method
described in Table 17 and Table 18.
Table 17 includes default parameters for the number of
violations and the blanking time using pin-strap.
Table 17. Pin-strap Settings for Current Sensing
ILIM Pin
Current Limiting Configuration
Number of
Violations
Allowed2
Current Limit
Threshold
VLIM
Maximum
Current Sensing
Range
LOW
Output-referenced, down-slope sensing
(Inductor DCR sensing)
Blanking time: 224 ns
5
25 mV
25 mV
OPEN
Output-referenced, down-slope sensing
(Inductor DCR sensing)
Blanking time: 224 ns
5
35 mV
35 mV
HIGH
Output-referenced, down-slope sensing
(Inductor DCR sensing)
Blanking time: 224 ns
5
50 mV
50 mV
Resistor1
Depends on resistor value used; see Table 18
Notes:
1. 10 kΩ < R
ILIM0 < 100 kΩ
2. The number of violations allowed prior to issuing a fault response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com