Electronic Components Datasheet Search
  English  ▼

X  

ZL2004 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ZL2004
Description  Adaptive Digital DC-DC Controller with Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2004 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ZL2004 Datasheet HTML 13Page - Renesas Technology Corp ZL2004 Datasheet HTML 14Page - Renesas Technology Corp ZL2004 Datasheet HTML 15Page - Renesas Technology Corp ZL2004 Datasheet HTML 16Page - Renesas Technology Corp ZL2004 Datasheet HTML 17Page - Renesas Technology Corp ZL2004 Datasheet HTML 18Page - Renesas Technology Corp ZL2004 Datasheet HTML 19Page - Renesas Technology Corp ZL2004 Datasheet HTML 20Page - Renesas Technology Corp ZL2004 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
ZL2004
FN6846 Rev. 3.00
Page 17 of 42
February 15, 2011
5.6 Switching Frequency and PLL
The ZL2004 incorporates an internal phase-locked
loop (PLL) to clock the internal circuitry. The PLL can
be driven by an external clock source connected to the
SYNC pin. When using the internal oscillator, the
SYNC pin can be configured as a clock source for
other Zilker Labs devices.
The SYNC pin is a unique pin that can perform
multiple functions depending on how it is configured.
The CFG pin is used to select the operating mode of
the SYNC pin as shown in Table 12. Figure 13
illustrates the typical connections for each mode.
Table 12. SYNC Pin Function Selection
CFG Pin
SYNC Pin Function
LOW
SYNC is configured as an input
OPEN
Auto Detect mode
HIGH
SYNC is configured as an output
fSW = 400 kHz
Configuration A: SYNC OUTPUT
When the SYNC pin is configured as an output (CFG
pin is tied HIGH), the device will run from its internal
oscillator and will drive the resulting internal oscillator
signal (preset to 400 kHz) onto the SYNC pin so other
devices can be synchronized to it. The SYNC pin will
not be checked for an incoming clock signal while in
this mode.
Configuration B: SYNC INPUT
When the SYNC pin is configured as an input (CFG
pin is tied LOW), the device will automatically check
for a clock signal on the SYNC pin each time EN is
asserted.
The
ZL2004’s
oscillator
will
then
synchronize with the rising edge of the external clock.
The incoming clock signal must be in the range of 200
kHz to 1.4 MHz and must be stable when the enable
pin is asserted. The clock signal must also exhibit the
necessary performance requirements (see Table 3). In
the event of a loss of the external clock signal, the
output voltage may show transient over/undershoot.
If this happens, the ZL2004 will automatically switch
to its internal oscillator and switch at a frequency close
to the previous incoming frequency.
Configuration C: SYNC AUTO DETECT
When the SYNC pin is configured in auto detect mode
(CFG pin is left OPEN), the device will automatically
check for a clock signal on the SYNC pin after enable
is asserted.
If a clock signal is present, The ZL2004’s oscillator
will then synchronize the rising edge of the external
clock. Refer to SYNC INPUT description.
If no incoming clock signal is present, the ZL2004 will
configure the switching frequency according to the
state of the SYNC pin as listed in Table 13. In this
mode, the ZL2004 will only read the SYNC pin
connection during the start-up sequence. Changes to
SYNC pin connections will not affect fSW until the
power (VDD) is cycled off and on.
Table 13. Switching Frequency Selection
SYNC Pin
Frequency
LOW
200 kHz
OPEN
400 kHz
HIGH
1 MHz
Resistor
See Table 14
If the user wishes to run the ZL2004 at a frequency not
listed in Table 13, the switching frequency can be set
using an external resistor, RSYNC, connected between
SYNC and SGND using Table 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com