Electronic Components Datasheet Search
  English  ▼

X  

ZL2004 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ZL2004
Description  Adaptive Digital DC-DC Controller with Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2004 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ZL2004 Datasheet HTML 21Page - Renesas Technology Corp ZL2004 Datasheet HTML 22Page - Renesas Technology Corp ZL2004 Datasheet HTML 23Page - Renesas Technology Corp ZL2004 Datasheet HTML 24Page - Renesas Technology Corp ZL2004 Datasheet HTML 25Page - Renesas Technology Corp ZL2004 Datasheet HTML 26Page - Renesas Technology Corp ZL2004 Datasheet HTML 27Page - Renesas Technology Corp ZL2004 Datasheet HTML 28Page - Renesas Technology Corp ZL2004 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
ZL2004
FN6846 Rev. 3.00
Page 25 of 42
February 15, 2011
Once the sensing method has been selected, the user
must select the voltage threshold (VLIM), the desired
current limit threshold, and the resistance of the
sensing element.
The threshold voltage can be selected in 5 mV
increments by connecting a resistor, RILIM, between the
ILIM pin and ground according to Table 18. This
method is preferred if the user does not desire to use or
does not have access to the I
2C/SMBus interface and
the desired threshold value is contained in Table 18.
The current limit threshold can also be set to a custom
value via the I
2C/SMBus interface. Please refer to
Application Note AN33 for further details.
5.9 Loop Compensation
The ZL2004 operates as a voltage-mode synchronous
buck controller with a fixed frequency PWM scheme.
Although the ZL2004 uses a digital control loop, it
operates
much
like
a
traditional
analog
PWM
controller. Figure 15 is a simplified block diagram of
the ZL2004 control loop, which differs from an analog
control loop only by the constants in the PWM and
compensation blocks. As in the analog controller case,
the compensation block compares the output voltage to
the desired voltage reference and compensation zeroes
are added to keep the loop stable. The resulting
integrated error signal is used to drive the PWM logic,
converting the error signal to a duty cycle to drive the
external MOSFETs.
D
1-D
VIN
VOUT
L
C
DPWM
RC
Compensation
RO
Figure 15. Control Loop Block Diagram
In the ZL2004, the compensation zeros are set by
configuring the FC pin or via the I
2C/SMBus interface
once the user has calculated the required settings. This
method
eliminates
the
inaccuracies
due
to
the
component tolerances associated with using external
resistors and capacitors required with traditional analog
controllers. Utilizing the loop compensation settings
shown in Table 19 will yield a conservative crossover
frequency at a fixed fraction of the switching
frequency (fSW/20) and 60° of phase margin.
Step 1:
Using the following equation, calculate the
resonant frequency of the LC filter, fn.
C
L
π
f
n
2
1
Step 2:
Calculate the ESR zero frequency (fZESR).
πCRc
f
zesr
2
1
Step 3:
Based on Table 19, determine the FC setting.
5.10 Adaptive Loop Compensation
Loop compensation can be a time-consuming process,
forcing the designer to accommodate design trade-offs
related to performance and stability across a wide
range of operating conditions. The ZL2004 offers an
adaptive compensation mode that enables the user to
increase the stability over a wider range of loading
conditions
by
automatically
adapting
the
loop
compensation coefficients for changes in load current.
Setting the loop compensation coefficients through the
I
2C/SMBus interface allows for a second set of
coefficients to be stored in the device in order to utilize
adaptive loop compensation. This algorithm uses the
two sets of compensation coefficients to determine
optimal compensation settings as the output load
changes. Please refer to Application Note AN33 for
further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com