| Electronic Components Datasheet Search |
|
ZL2004 Datasheet(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZL2004 Datasheet(HTML) 10 Page - Renesas Technology Corp |
|
10 / 42 page ![]() ZL2004 FN6846 Rev. 3.00 Page 10 of 42 February 15, 2011 4.2 Power Conversion Overview The ZL2004 operates as a voltage-mode, synchronous buck converter with a selectable constant frequency pulse width modulator (PWM) control scheme that uses external driver, MOSFETs, capacitors, and an inductor to perform power conversion. ZL2004 DRIVER VIN VOUT Figure 5. Synchronous Buck Converter Figure 5 illustrates the basic synchronous buck converter topology showing the primary power train components. This converter is also called a step-down converter, as the output voltage must always be lower than the input voltage. Dual output PWM ZL2004 The ZL2004 provides a dual PWM signal which removes the need of a tri-state function and significantly improves conversion performance. The ZL2004 has been designed to drive the QH and QL independently, allowing greater control of the MOSFETs and higher overall performance. A special driver with two PWM inputs is required (ZL1505). Using two PWM signals (PWMH and PWML) offers more options during fault event and pre-bias conditions, eliminating the need for a tri-state driver and reducing the delays associated with this scheme. The ZL2004 has several features to improve the power conversion efficiency. A non-linear response (NLR) loop improves the response time and reduces the output deviation as a result of a load transient. The ZL2004 monitors the power converter’s operating conditions and continuously adjusts the turn-on and turn-off timing of the high-side and low-side MOSFETs to optimize the overall efficiency of the power supply. Adaptive performance optimization algorithms such as dead-time control, diode emulation, Figure 4. ZL2004 Block Diagram Digital Compensator I2C NLR Input Voltage Bus V OUT D-PWM + - VSEN+ SYNC PLL Power Management TEMP Sensor MUX XTEMP VMON MGN EN V(0,1) PG SA(0,1) SS VR VSEN ISENB ILIM VDD MOSFET Pre Drivers SYNC GEN VTRK ISENA VDD SCL SDA SALRT > ADC ADC ADC Communication DAC REFCN FC DDC Voltage Sensor VSEN- NVM Driver MOSFET PWMH PWML LDO Digital Compensator I2C NLR Input Voltage Bus V OUT D-PWM + - VSEN+ SYNC PLL Power Management TEMP Sensor MUX XTEMP VMON MGN EN V(0,1) PG SA(0,1) SS VR VSEN ISENB ILIM VDD MOSFET Pre Drivers SYNC GEN VTRK ISENA VDD SCL SDA SALRT > ADC ADC ADC Communication DAC REFCN FC DDC Voltage Sensor VSEN- NVM Driver MOSFET PWMH PWML LDO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |